Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX83C10RL Datasheet(PDF) 13 Page - Motorola, Inc

Part # BZX83C10RL
Description  500 mW DO-35 Glass Zener Voltage Regulator Diodes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BZX83C10RL Datasheet(HTML) 13 Page - Motorola, Inc

Back Button BZX83C10RL Datasheet HTML 9Page - Motorola, Inc BZX83C10RL Datasheet HTML 10Page - Motorola, Inc BZX83C10RL Datasheet HTML 11Page - Motorola, Inc BZX83C10RL Datasheet HTML 12Page - Motorola, Inc BZX83C10RL Datasheet HTML 13Page - Motorola, Inc BZX83C10RL Datasheet HTML 14Page - Motorola, Inc BZX83C10RL Datasheet HTML 15Page - Motorola, Inc BZX83C10RL Datasheet HTML 16Page - Motorola, Inc BZX83C10RL Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
GENERAL DATA — 500 mW DO-35 GLASS
Motorola TVS/Zener Device Data
6-109
500 mW DO-35 Glass Data Sheet
ELECTRICAL CHARACTERISTICS (TL = 30°C unless otherwise noted.) (VF = 1.3 Volts Max, IF = 100 mAdc for all types.)
VZT at IZT
(V)
Max Zener
Impedance
(Note 3)
I
Max Reverse
Leakage Current
IR at VR
(
µA)
I
Motorola
Type
Number
Min
(Note 1)
Max
(Note 1)
(Note 3)
ZZT @ IZT
(Ohms)
Max
IZT
(mA)
Tamb
25
°C
Max
Tamb
125
°C
Max
VR
(V)
IZM
(mA)
(Note 2)
BZX55C2V4RL
2.28
2.56
85
5
50
100
1
155
BZX55C2V7RL
2.5
2.9
85
5
10
50
1
135
BZX55C3V0RL
2.8
3.2
85
5
4
40
1
125
BZX55C3V3RL
3.1
3.5
85
5
2
40
1
115
BZX55C3V6RL
3.4
3.8
85
5
2
40
1
105
BZX55C3V9RL
3.7
4.1
85
5
2
40
1
95
BZX55C4V3RL
4
4.6
75
5
1
20
1
90
BZX55C4V7RL
4.4
5
60
5
0.5
10
1
85
BZX55C5V1RL
4.8
5.4
35
5
0.1
2
1
80
BZX55C5V6RL
5.2
6
25
5
0.1
2
1
70
BZX55C6V2RL
5.8
6.6
10
5
0.1
2
2
64
BZX55C6V8RL
6.4
7.2
8
5
0.1
2
3
58
BZX55C7V5RL
7
7.9
7
5
0.1
2
5
53
BZX55C8V2RL
7.7
8.7
7
5
0.1
2
6
47
BZX55C9V1RL
8.5
9.6
10
5
0.1
2
7
43
BZX55C10RL
9.4
10.6
15
5
0.1
2
7.5
40
BZX55C11RL
10.4
11.6
20
5
0.1
2
8.5
36
BZX55C12RL
11.4
12.7
20
5
0.1
2
9
32
BZX55C13RL
12.4
14.1
26
5
0.1
2
10
29
BZX55C15RL
13.8
15.6
30
5
0.1
2
11
27
BZX55C16RL
15.3
17.1
40
5
0.1
2
12
24
BZX55C18RL
16.8
19.1
50
5
0.1
2
14
21
BZX55C20RL
18.8
21.1
55
5
0.1
2
15
20
BZX55C22RL
20.8
23.3
55
5
0.1
2
17
18
BZX55C24RL
22.8
25.6
80
5
0.1
2
18
16
BZX55C27RL
25.1
28.9
80
5
0.1
2
20
14
BZX55C30RL
28
32
80
5
0.1
2
22
13
BZX55C33RL
31
35
80
5
0.1
2
24
12
BZX55C36RL
34
38
80
5
0.1
2
27
11
BZX55C39RL
37
41
90
2.5
0.1
5
28
10
BZX55C43RL
40
46
90
2.5
0.1
5
32
9.2
BZX55C47RL
44
50
110
2.5
0.1
5
35
8.5
BZX55C51RL
48
54
125
2.5
0.1
10
38
7.8
BZX55C56RL
52
60
135
2.5
0.1
10
42
7
BZX55C62RL
58
66
150
2.5
0.1
10
47
6.4
BZX55C68RL
64
72
160
2.5
0.1
10
51
5.9
BZX55C75RL
70
80
170
2.5
0.1
10
56
5.3
BZX55C82RL
77
87
200
2.5
0.1
10
62
4.8
BZX55C91RL
85
96
250
1
0.1
10
69
4.3
NOTE 1. TOLERANCE AND VOLTAGE DESIGNATION
Tolerance designation — The type numbers listed have zener voltage min/max limits as
shown. Device tolerance of
±2% are indicated by a “B” instead of a “C”. Zener voltage is mea-
sured with the device junction in thermal equilibrium at the lead temperature of 30
°C ±1°C
and 3/8
″ lead length.
NOTE 2.
This data was calculated using nominal voltages. The maximum current handling capability
on a worst case basis is limited by the actual zener voltage at the operating point and the pow-
er derating curve.
NOTE 3.
ZZT and ZZK are measured by dividing the ac voltage drop across the device by the ac current
applied. The specified limtis are for IZ(ac) = 0.1 IZ(dc) with the ac frequency = 1.0 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com