Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF1007 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SSF1007
Description  100V N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF1007 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SSF1007 Datasheet HTML 1Page - GOOD-ARK Electronics SSF1007 Datasheet HTML 2Page - GOOD-ARK Electronics SSF1007 Datasheet HTML 3Page - GOOD-ARK Electronics SSF1007 Datasheet HTML 4Page - GOOD-ARK Electronics SSF1007 Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSF1007
100V N-Channel MOSFET
www.goodark.com
Page 1 of 5
Rev.1.0
Main Product Characteristics
VDSS
100V(Typ)
RDS(on)
6mohm(Typ)
ID
130A
Features and Benefits
SSF1007 Top View (TO-220)
Advanced trench MOSFET process technology
Special designed for convertors and power controls
Ultra low on-resistance
150℃ operating temperature
High Avalanche capability and 100% tested
Lead free product
Description
It utilizes the latest trench processing techniques to achieve the high cell density and reduces the
on-resistance with high repetitive avalanche rating. These features combine to make this design an
extremely efficient and reliable device for use in power switching application and a wide variety of other
applications.
Absolute Max Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V①
130
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V①
91
IDM
Pulsed Drain Current②
520
ISM
Pulsed Source Current.(Body Diode)
258
A
Power Dissipation③
1.7
W
PD @TC = 25°C
Linear derating factor
± 20
W/ Cْ
VDS
Drain-Source Voltage
735
V
VGS
Gate-to-Source Voltage
75
V
dv/dt
Peak diode recovery voltage
-55 to + 175
v/ns
EAS
Single Pulse Avalanche Energy @ L=0.3mH②
130
mJ
IAR
Avalanche Current @ L=0.3mH②
91
A
TJ
TSTG
Operating Junction and
Storage Temperature
Range
520
°C
Thermal Resistance
Symbol
Characteristics
Value
Unit
RθJC
Junction-to-case③
0.58
℃/W
RθJA
Junction-to-ambient (t ≤ 10s) ④
62
℃/W


Similar Part No. - SSF1007

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF1007 SILIKRON-SSF1007 Datasheet
416Kb / 5P
Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
SSF1007 GOOD-ARK-SSF1007_15 Datasheet
1Mb / 5P
100V N-Channel MOSFET
More results

Similar Description - SSF1007

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com