Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4910 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4910
Description  Output Capacitor-less Stereo 35mW Headphone Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4910 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4910 Datasheet HTML 1Page - National Semiconductor (TI) LM4910 Datasheet HTML 2Page - National Semiconductor (TI) LM4910 Datasheet HTML 3Page - National Semiconductor (TI) LM4910 Datasheet HTML 4Page - National Semiconductor (TI) LM4910 Datasheet HTML 5Page - National Semiconductor (TI) LM4910 Datasheet HTML 6Page - National Semiconductor (TI) LM4910 Datasheet HTML 7Page - National Semiconductor (TI) LM4910 Datasheet HTML 8Page - National Semiconductor (TI) LM4910 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (Note 9)
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
-0.3V to V
DD + 0.3V
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility Pin 6 (Note 10)
10kV
ESD Susceptibility (Note 4)
2000V
ESD Susceptibility (Note 5)
200V
Junction Temperature
150˚C
Thermal Resistance
θ
JC (MSOP)
56˚C/W
θ
JA (MSOP)
190˚C/W
θ
JC (SOP)
35˚C/W
θ
JA (SOP)
150˚C/W
θ
JC (LQ)
57˚C/W
θ
JA (LQ)
140˚C/W
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ 85˚C
Supply Voltage (V
DD)
2.2V
≤ V
CC
≤ 5.5V
Electrical Characteristics V
DD = 3.3V (Notes 1, 2)
The following specifications apply for V
DD = 3.3V, AV = 1, and 32
Ω load unless otherwise specified. Limits apply to T
A = 25˚C.
Symbol
Parameter
Conditions
LM4910
Units
(Limits)
Typ
(Note 6)
Limit
(Notes 7,
8)
I
DD
Quiescent Power Supply Current
V
IN = 0V, 32
Ω Load
3.5
6
mA (max)
I
SD
Standby Current
V
SHUTDOWN = GND
0.1
1.0
µA (max)
V
OS
Output Offset Voltage
5
30
mV (max)
P
O
Output Power
THD = 1% (max); f = 1kHz
35
30
mW (min)
THD+N
Total Harmonic Distortion + Noise P
O = 30mWrms; f = 1kHz
0.3
%
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVp-p sinewave
Input terminated with 10
Ω to ground
65 (f =
217Hz)
65 (f =
1kHz)
dB
V
IH
Shutdown Input Voltage High
1.5
V (min)
V
IL
Shutdown Input Voltage Low
0.4
V (max)
Electrical Characteristics V
DD =3V (Notes 1, 2)
The following specifications apply for V
DD = 3V, AV = 1, and 32
Ω load unless otherwise specified. Limits apply to T
A = 25˚C.
Symbol
Parameter
Conditions
LM4910
Units
(Limits)
Typ
(Note 6)
Limit
(Notes 7,
8)
I
DD
Quiescent Power Supply Current
V
IN = 0V, 32
Ω Load
3.3
6
mA (max)
I
SD
Standby Current
V
SHUTDOWN = GND
0.1
1.0
µA (max)
V
OS
Output Offset Voltage
5
30
mV (max)
P
O
Output Power
THD = 1% (max); f = 1kHz
30
25
mW (min)
THD+N
Total Harmonic Distortion + Noise P
O = 25mWrms; f = 1kHz
0.3
%
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVp-p sinewave
Input terminated with 10
Ω to ground
65 (f =
217 Hz)
65 (f =
1kHz)
dB
V
IH
Shutdown Input Voltage High
1.5
V (min)
V
IL
Shutdown Input Voltage Low
0.4
V (max)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com