Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4910 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4910
Description  Output Capacitor-less Stereo 35mW Headphone Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4910 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4910 Datasheet HTML 9Page - National Semiconductor (TI) LM4910 Datasheet HTML 10Page - National Semiconductor (TI) LM4910 Datasheet HTML 11Page - National Semiconductor (TI) LM4910 Datasheet HTML 12Page - National Semiconductor (TI) LM4910 Datasheet HTML 13Page - National Semiconductor (TI) LM4910 Datasheet HTML 14Page - National Semiconductor (TI) LM4910 Datasheet HTML 15Page - National Semiconductor (TI) LM4910 Datasheet HTML 16Page - National Semiconductor (TI) LM4910 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Application Information (Continued)
ESD PROTECTION
As stated in the Absolute Maximum Ratings, pin 6 (V
o3) on
the LM4910 has a maximum ESD susceptibility rating of
10kV. For higher ESD voltages, the addition of a PCDN042
dual transil (from California Micro Devices), as shown in
Figure 4, will provide additional protection.
20030594
FIGURE 4. The PCDN042 provides additional ESD protection beyond the 10kV shown in the Absolute Maximum
Ratings for the V
o3 output
Output Noise vs R
SERIES
20030590
FIGURE 5.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com