Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4910 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4910
Description  Output Capacitor-less Stereo 35mW Headphone Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4910 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4910 Datasheet HTML 1Page - National Semiconductor (TI) LM4910 Datasheet HTML 2Page - National Semiconductor (TI) LM4910 Datasheet HTML 3Page - National Semiconductor (TI) LM4910 Datasheet HTML 4Page - National Semiconductor (TI) LM4910 Datasheet HTML 5Page - National Semiconductor (TI) LM4910 Datasheet HTML 6Page - National Semiconductor (TI) LM4910 Datasheet HTML 7Page - National Semiconductor (TI) LM4910 Datasheet HTML 8Page - National Semiconductor (TI) LM4910 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM4910
Output Capacitor-less Stereo 35mW Headphone
Amplifier
General Description
The LM4910 is an audio power amplifier primarily designed
for headphone applications in portable device applications. It
is capable of delivering 35mW of continuous average power
toa32
Ω load with less than 1% distortion (THD+N) from a
3.3V
DC power supply.
The LM4910 utilizes a new circuit topology that eliminates
output coupling capacitors and half-supply bypass capaci-
tors (patent pending). The LM4910 contains advanced pop &
click circuitry which eliminates noises caused by transients
that would otherwise occur during turn-on and turn-off.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. Since the LM4910 does not require
any output coupling capacitors, half-supply bypass capaci-
tors, or bootstrap capacitors, it is ideally suited for low-power
portable applications where minimal space and power con-
sumption are primary requirements.
The LM4910 features a low-power consumption shutdown
mode, activated by driving the shutdown pin with logic low.
Additionally, the LM4910 features an internal thermal shut-
down protection mechanism. The LM4910 is also unity-gain
stable and can be configured by external gain-setting resis-
tors.
Key Specifications
n
PSRR at f = 217Hz
65dB (typ)
n
Power Output at V
DD = 3.3V, RL =32
Ω, and THD ≤
1%
35mW (typ)
n
Shutdown Current
0.1µA (typ)
Features
n
Eliminates headphone amplifier output coupling
capacitors (patent pending)
n
Eliminates half-supply bypass capacitor (patent pending)
n
Advanced pop & click circuitry eliminates noises during
turn-on and turn-off
n
Ultra-low current shutdown mode
n
Unity-gain stable
n
2.2V - 5.5V operation
n
Available in space-saving MSOP, LLP, and SOIC
packages
Applications
n
Mobile Phones
n
PDAs
n
Portable eletronics devices
n
Portable MP3 players
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
20030565
FIGURE 1. Typical Audio Amplifier Application Circuit
February 2003
© 2003 National Semiconductor Corporation
DS200305
www.national.com


Similar Part No. - LM4910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4910 TI2-LM4910 Datasheet
1Mb / 31P
LM4910 Output Capacitor-less Stereo 35mW Headphone Amplifier
REVISED MARCH 2007
logo
National Semiconductor ...
LM49100 NSC-LM49100 Datasheet
2Mb / 24P
Mono Class AB Audio Subsystem with a True-Ground Headphone Amplifier
LM49100 NSC-LM49100 Datasheet
2Mb / 26P
Mono Class AB Audio Sub-System with a True-Ground Headphone Amplifier
logo
Texas Instruments
LM49100 TI1-LM49100 Datasheet
4Mb / 33P
Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
LM49100GR/NOPB TI1-LM49100GR/NOPB Datasheet
4Mb / 33P
Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
More results

Similar Description - LM4910

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4924 NSC-LM4924 Datasheet
425Kb / 16P
2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
Stereo Headphone Amplifier
logo
Eutech Microelectronics...
EUA6210 EUTECH-EUA6210 Datasheet
452Kb / 10P
Output Capacitor-less 67mW Stereo Headphone Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
Stereo Headphone Amplifier
LM48822 TI1-LM48822 Datasheet
1,012Kb / 22P
Ground-Referenced Ultra High PSRR Ultra Low Noise 35mW/Channel Stereo Headphone Amplifier
LM4924 TI1-LM4924 Datasheet
912Kb / 20P
Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
logo
Rohm
BD8876FV ROHM-BD8876FV Datasheet
1Mb / 24P
Output Coupling Capacitor-less Line Amplifier
logo
Jiaxing Heroic Technolo...
HT4832 HEROIC-HT4832 Datasheet
430Kb / 3P
33mW output-free capacitor stereo headphone amplifier
HT97220 HEROIC-HT97220 Datasheet
946Kb / 6P
125mW Stereo Line Driver/Headphone Amplifier with Output Coupling Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com