Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4910 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4910
Description  Output Capacitor-less Stereo 35mW Headphone Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4910 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4910 Datasheet HTML 8Page - National Semiconductor (TI) LM4910 Datasheet HTML 9Page - National Semiconductor (TI) LM4910 Datasheet HTML 10Page - National Semiconductor (TI) LM4910 Datasheet HTML 11Page - National Semiconductor (TI) LM4910 Datasheet HTML 12Page - National Semiconductor (TI) LM4910 Datasheet HTML 13Page - National Semiconductor (TI) LM4910 Datasheet HTML 14Page - National Semiconductor (TI) LM4910 Datasheet HTML 15Page - National Semiconductor (TI) LM4910 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Application Information (Continued)
From Equation 2, the minimum A
V is 0.98; use AV = 1. Since
the desired input impedance is 20k
Ω, and with A
V equal to 1,
a ratio of 1:1 results from Equation 1 for R
f to Ri. The values
are chosen with R
i = 20k
Ω and R
f = 20k
Ω.
The last step in this design example is setting the amplifier’s
−3dB frequency bandwidth. To achieve the desired ±0.25dB
pass band magnitude variation limit, the low frequency re-
sponse must extend to at least one-fifth the lower bandwidth
limit and the high frequency response must extend to at least
five times the upper bandwidth limit. The gain variation for
both response limits is 0.17dB, well within the ±0.25dB
desired limit. The results are an
f
L = 100Hz/5 = 20Hz
(3)
and an
f
H = 20kHzx5= 100kHz
(4)
As mentioned in the Selecting Proper External Compo-
nents section, R
i and Ci create a highpass filter that sets the
amplifier’s lower bandpass frequency limit. Find the coupling
capacitor’s value using Equation (3).
C
i
≥ 1/(2πR
ifL)
(5)
The result is
1/(2
π*20kΩ*20Hz) = 0.397µF
Use a 0.39µF capacitor, the closest standard value.
The high frequency pole is determined by the product of the
desired frequency pole, f
H, and the differential gain, AV. With
an A
V = 1 and fH = 100kHz, the resulting GBWP = 100kHz
which is much smaller than the LM4910 GBWP of 11MHz.
This figure displays that if a designer has a need to design
an amplifier with higher differential gain, the LM4910 can still
be used without running into bandwidth limitations.
MINIMIZING OUTPUT NOISE / REDUCING OUTPUT POWER
Output noise delivered to the load can be minimized with the
use of an external resistor, R
SERIES, placed in series with
each load as shown in Figure 3.R
SERIES forms a voltage
divider with the impedance of the headphone driver R
L.As a
result, output noise is attenuated by the factor R
L /(RL +
R
SERIES). Figure 4 illustrates the relationship between output
noise and R
SERIES for different loads. RSERIES also de-
creases output power delivered to the load by the factor R
L
/(R
L +RSERIES)
2. However, this may not pose a problem
since most headphone applications require less than 10mW
of output power. Figure 5 illustrates output power (@1%
THD+N) vs R
SERIES for different loads.
Figure 4 shows an optional resistor connected between the
amplifier output that drives the headphone jack sleeve and
ground. This resistor provides a ground path that supressed
power supply hum. This hum may occur in applications such
as notebook computers in a shutdown condition and con-
nected to an external powered speaker. The resistor’s 100
Ω
value is a suggested starting point. Its final value must be
determined based on the tradeoff between the amount of
noise suppression that may be needed and minimizing the
additional current drawn by the resistor (25mA for a 100
Ω
resistor and a 5V supply).
20030568
FIGURE 3.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com