Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1653 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1653
Description  PFC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1653 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1653_15 Datasheet HTML 1Page - ON Semiconductor NCP1653_15 Datasheet HTML 2Page - ON Semiconductor NCP1653_15 Datasheet HTML 3Page - ON Semiconductor NCP1653_15 Datasheet HTML 4Page - ON Semiconductor NCP1653_15 Datasheet HTML 5Page - ON Semiconductor NCP1653_15 Datasheet HTML 6Page - ON Semiconductor NCP1653_15 Datasheet HTML 7Page - ON Semiconductor NCP1653_15 Datasheet HTML 8Page - ON Semiconductor NCP1653_15 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
© Semiconductor Components Industries, LLC, 2015
May, 2015 − Rev. 10
1
Publication Order Number:
NCP1653/D
NCP1653, NCP1653A
Compact, Fixed-Frequency,
Continuous Conduction
Mode PFC Controller
The NCP1653 is a controller designed for Continuous Conduction
Mode (CCM) Power Factor Correction (PFC) boost circuits. It
operates in the follower boost or constant output voltage in 67 or 100
kHz fixed switching frequency. Follower boost offers the benefits of
reduction of output voltage and hence reduction in the size and cost
of the inductor and power switch. Housed in a DIP−8 or SO−8
package, the circuit minimizes the number of external components
and drastically simplifies the CCM PFC implementation. It also
integrates high safety protection features. The NCP1653 is a driver
for robust and compact PFC stages.
Features
IEC1000−3−2 Compliant
Continuous Conduction Mode
Average Current−Mode or Peak Current−Mode Operation
Constant Output Voltage or Follower Boost Operation
Very Few External Components
Fixed Switching Frequency: 67 kHz = NCP1653A,
Fixed Switching Frequency: 100 kHz = NCP1653
Soft−Start Capability
VCC Undervoltage Lockout with Hysteresis (8.7 / 13.25 V)
Overvoltage Protection (107% of Nominal Output Level)
Undervoltage Protection or Shutdown (8% of Nominal Output Level)
Programmable Overcurrent Protection
Programmable Overpower Limitation
Thermal Shutdown with Hysteresis (120 / 150_C)
This is a Pb−Free Device
Typical Applications
TV & Monitors
PC Desktop SMPS
AC Adapters SMPS
White Goods
AC
Input
EMI
Filter
Output
In
Gnd
Vcontrol Drv
FB
VCC
CS
VM
15 V
NCP1653
Figure 1. Typical Application Circuit
PDIP−8
P SUFFIX
CASE 626
1
8
PIN CONNECTIONS
www.onsemi.com
MARKING DIAGRAMS
SO−8
D SUFFIX
CASE 751
1
FB
8 VCC
2
Vcontrol
3
In
4
CS
7 Drv
6 GND
5 VM
(Top View)
A suffix = 67 kHz option
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb−Free Package
1
8
1
8
NCP1653
AWL
YYWWG
www.onsemi.com
N1653
ALYW
G
1
8
1
8
NCP1653A
AWL
YYWWG
1653A
ALYW
G
1
8
See detailed ordering and shipping information on page 19 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - NCP1653_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1653A ONSEMI-NCP1653A Datasheet
183Kb / 19P
Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
March, 2007 ??Rev. 6
NCP1653ADR2 ONSEMI-NCP1653ADR2 Datasheet
183Kb / 20P
Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
NCP1653ADR2 ONSEMI-NCP1653ADR2 Datasheet
183Kb / 19P
Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
March, 2007 ??Rev. 6
NCP1653ADR2G ONSEMI-NCP1653ADR2G Datasheet
183Kb / 20P
Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
NCP1653ADR2G ONSEMI-NCP1653ADR2G Datasheet
183Kb / 19P
Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
March, 2007 ??Rev. 6
More results

Similar Description - NCP1653_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16141P RENESAS-HA16141P_05 Datasheet
363Kb / 18P
PFC and PWM Controller
logo
NXP Semiconductors
TEA1742T PHILIPS-TEA1742T Datasheet
99Kb / 17P
GreenChip PFC controller
Rev. 01-10 February 2009
logo
Fairchild Semiconductor
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
PFC/PWM Controller Combination
logo
Power Integrations, Inc...
PLC810PG POWERINT-PLC810PG Datasheet
1Mb / 26P
Continuous Mode PFC & LLC Controller Continuous Mode PFC & LLC Controller
logo
Texas Instruments
UCC29910A TI-UCC29910A_15 Datasheet
617Kb / 23P
Buck PFC Controller
logo
STMicroelectronics
L4984D STMICROELECTRONICS-L4984D Datasheet
5Mb / 35P
CCM PFC controller
15-Apr-2013
logo
MagnaChip Semiconductor...
MAP8802 MGCHIP-MAP8802 Datasheet
964Kb / 16P
CRM PFC Controller
logo
NXP Semiconductors
TEA19162T NXP-TEA19162T Datasheet
283Kb / 30P
PFC controller
Rev. 1-10 March 2016
TEA19162CT NXP-TEA19162CT Datasheet
340Kb / 29P
PFC controller
Rev. 2-26 February 2020
TEA19162T NXP-TEA19162T_V01 Datasheet
343Kb / 30P
PFC controller
Rev. 3-7 May 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com