Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1653 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1653
Description  PFC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1653 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1653_15 Datasheet HTML 1Page - ON Semiconductor NCP1653_15 Datasheet HTML 2Page - ON Semiconductor NCP1653_15 Datasheet HTML 3Page - ON Semiconductor NCP1653_15 Datasheet HTML 4Page - ON Semiconductor NCP1653_15 Datasheet HTML 5Page - ON Semiconductor NCP1653_15 Datasheet HTML 6Page - ON Semiconductor NCP1653_15 Datasheet HTML 7Page - ON Semiconductor NCP1653_15 Datasheet HTML 8Page - ON Semiconductor NCP1653_15 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
NCP1653, NCP1653A
www.onsemi.com
2
Figure 2. Functional Block Diagram
0
1
300 k
+
+
OR
1
8
4
5
2
3
7
6
9 V
0
1
1
0
x
+
9 V
AC
Input
EMI
Filter
Cfilter
RCS
Cbulk
off
on
RFB
Output Voltage (Vout)
L
IFB
Current
Mirror
Overvoltage
Protection
(IFB > 107% Iref)
Thermal
Shutdown
(120 / 150 °C)
Current
Mirror
FB
ref
reg
V
I
I
96%
Regulation Block
ref
I
VCC
Internal Bias
Reference Block
18 V
VCC
VCC
UVLO
FB / SD
9 V
Current
Mirror
VCC
Output
Driver
S
RQ
PFC
Modulation
Cramp
Gnd
Ccontrol
Vcontrol
9 V
Overcurrent
Protection
(IS > 200 mA)
IL
IL
Vin
Iin
VM
IM
13.25 V
/ 8.7 V
Turn on
Rvac
Ivac
Cvac
In
12 k
9 V
CM
RM
IS
RS
CS
Drv
67 or 100 kHz clock
Vramp
Vref
Ich
Shutdown / UVP
(IFB < 8% Iref)
4% Iref Hysteresis
Overpower
Limitation
(IS Ivac > 3 nA2)
Icontrol =
Vcontrol
R1
VM =
RMISIvac
2 Icontrol
&
R1 = constant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com