Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1653 Datasheet(PDF) 17 Page - ON Semiconductor

Part # NCP1653
Description  PFC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1653 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button NCP1653_15 Datasheet HTML 13Page - ON Semiconductor NCP1653_15 Datasheet HTML 14Page - ON Semiconductor NCP1653_15 Datasheet HTML 15Page - ON Semiconductor NCP1653_15 Datasheet HTML 16Page - ON Semiconductor NCP1653_15 Datasheet HTML 17Page - ON Semiconductor NCP1653_15 Datasheet HTML 18Page - ON Semiconductor NCP1653_15 Datasheet HTML 19Page - ON Semiconductor NCP1653_15 Datasheet HTML 20Page - ON Semiconductor NCP1653_15 Datasheet HTML 21Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
NCP1653, NCP1653A
www.onsemi.com
17
Application Schematic
Figure 42. 300 W 100 kHz Power Factor Correction Circuit
450 V
1 nF
1 nF
330 pF
4.7 M
0.1
NCP1653
390 V
470 k
Fuse
SPP20N60S
Output
56 k
2.85 k
10 k
4.5
330 nF
15 V
KBU6K
680 nF
Input
90 Vac
to
265 Vac
1 mF
100 mF
CSD04060
150 mH
2 x 3.9 mH
100 nF
680 k
680 k
560 k
600 mH
33 nF
Table 1. Total Harmonic Distortion and Efficiency
Input Voltage
(V)
Input Power
(W)
Output Voltage
(V)
Output Current
(A)
Power Factor
Total Harmonic
Distortion (%)
Efficiency
(%)
110
331.3
370.0
0.83
0.998
4
93
110
296.7
373.4
0.74
0.998
4
93
110
157.3
381.8
0.38
0.995
7
92
110
109.8
383.5
0.26
0.993
9
91
110
80.7
384.4
0.19
0.990
10
91
110
67.4
385.0
0.16
0.988
10
91
220
311.4
385.4
0.77
0.989
9
95
220
215.7
386.2
0.53
0.985
8
95
220
157.3
386.4
0.38
0.978
9
93
220
110.0
386.7
0.27
0.960
11
95
220
80.2
386.5
0.19
0.933
14
92
220
66.9
386.6
0.16
0.920
15
92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com