Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1653 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1653
Description  PFC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1653 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1653_15 Datasheet HTML 7Page - ON Semiconductor NCP1653_15 Datasheet HTML 8Page - ON Semiconductor NCP1653_15 Datasheet HTML 9Page - ON Semiconductor NCP1653_15 Datasheet HTML 10Page - ON Semiconductor NCP1653_15 Datasheet HTML 11Page - ON Semiconductor NCP1653_15 Datasheet HTML 12Page - ON Semiconductor NCP1653_15 Datasheet HTML 13Page - ON Semiconductor NCP1653_15 Datasheet HTML 14Page - ON Semiconductor NCP1653_15 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
NCP1653, NCP1653A
www.onsemi.com
11
The input filter capacitor Cfilter and the front−ended EMI
filter absorbs the high−frequency component of inductor
current IL. It makes the input current Iin a low−frequency
signal only of the inductor current.
Iin + IL−50
(eq.2)
The suffix 50 means it is with a 50 or 60 Hz bandwidth
of the original IL.
From (eq.1) and (eq.2), the input impedance Zin is
formulated.
Zin +
Vin
Iin
+
T * t1
T
Vout
IL−50
(eq.3)
Power factor is corrected when the input impedance Zin
in (eq.3) is constant or slowly varying in the 50 or 60 Hz
bandwidth.
Figure 27. PFC Duty Modulation and Timing Diagram
R
S
Q
0
1
clock
PFC Modulation
Output
Clock
Latch Set
Latch Reset
Inductor
Current
without
filtering
−
+
+
Vref
Vref
Vramp
Vramp
VM
VM
VM
Ich
Cramp
The PFC duty modulation and timing diagram is shown
in Figure 27. The MOSFET on time t1 is generated by the
intersection of reference voltage Vref and ramp voltage
Vramp. A relationship in (eq.4) is obtained.
Vramp + VM )
Icht1
Cramp
+ Vref
(eq.4)
The charging current Ich is specially designed as in
(eq.5). The multiplier voltage VM is therefore expressed in
terms of t1 in (eq.6).
Ich +
Cramp Vref
T
(eq.5)
(eq.6)
VM + Vref *
t1
Cramp
CrampVref
T
+ Vref
T * t1
T
From (eq.3) and (eq.6), the input impedance Zin is
re−formulated in (eq.7).
(eq.7)
Zin +
VM
Vref
Vout
IL−50
Because Vref and Vout are roughly constant versus time,
the multiplier voltage VM is designed to be proportional to
the IL−50 in order to have a constant Zin for PFC purpose.
It is illustrated in Figure 28.
Figure 28. Multiplier Voltage Timing Diagram
V in
time
time
V M
time
I in
I L
It can be seen in the timing diagram in Figure 27 that VM
originally consists of a switching frequency ripple coming
from the inductor current IL. The duty ratio can be
inaccurately generated due to this ripple. This modulation
is the so−called “peak current−mode”. Hence, an external
capacitor CM connected to the multiplier voltage VM pin
(Pin 5) is essential to bypass the high−frequency
component of VM. The modulation becomes the so−called
“average current−mode” with a better accuracy for PFC.
Figure 29. External Connection on the Multiplier
Voltage Pin
5
RM Ivac IS
2Icontrol
VM =
PFC Duty
Modulation
IM
VM
RM
CM
The multiplier voltage VM is generated according to
(eq.8).
VM +
RM Ivac IS
2Icontrol
(eq.8)
Input−voltage current Ivac is proportional to the RMS
input voltage Vac as described in (eq.9). The suffix ac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com