Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5348UI Datasheet(PDF) 5 Page - Altera Corporation

Part # EP5348UI
Description  Integrated Inductor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5348UI Datasheet(HTML) 5 Page - Altera Corporation

  EP5348UI Datasheet HTML 1Page - Altera Corporation EP5348UI Datasheet HTML 2Page - Altera Corporation EP5348UI Datasheet HTML 3Page - Altera Corporation EP5348UI Datasheet HTML 4Page - Altera Corporation EP5348UI Datasheet HTML 5Page - Altera Corporation EP5348UI Datasheet HTML 6Page - Altera Corporation EP5348UI Datasheet HTML 7Page - Altera Corporation EP5348UI Datasheet HTML 8Page - Altera Corporation EP5348UI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
EP5348UI
Typical Performance Characteristics
Efficiency vs. Load Current: VIN = 3.3V, VOUT (from
top to bottom) = 2.5, 1.8, 1.2V
Efficiency vs. Load Current: VIN = 5.0V, VOUT (from
top to bottom) = 3.3, 2.5, 1.8, 1.2V
Output Ripple: VIN = 3.3V, VOUT = 1.0V, Iout = 400mA
CIN = 2.2µF/0603, COUT = 10µF/0603 + 2.2uF/0603
Output Ripple: VIN = 3.3V, VOUT = 1.0V, Iout = 400mA
CIN = 2.2µF/0603, COUT = 10µF/0603 + 2.2uF/0603
Output Ripple: VIN = 5V, VOUT = 1.0V, Iout = 400mA
CIN = 2.2µF/0603, COUT = 10µF/0603 + 2.2uF/0603
Output Ripple: VIN = 5V, VOUT = 1.0V, Iout = 400mA
CIN = 2.2µF/0603, COUT = 10µF/0603 + 2.2uF/0603
20
30
40
50
60
70
80
90
0.0
0.1
0.2
0.3
0.4
Load Current (A)
VIN = 3.3V
VOUT=2.5
VOUT=1.8
VOUT=1.2
Top to Bottom:
20
30
40
50
60
70
80
90
0.0
0.1
0.2
0.3
0.4
Load Current (A)
VIN = 5.0V
VOUT=3.3V
VOUT=2.5V
VOUT=1.8V
VOUT=1.2V
Top to Bottom:
20 MHz BW limit
500 MHz BW
20 MHz BW limit
500 MHz BW
5
www.altera.com/enpirion
05721
October 11, 2013
Rev D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com