Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5348UI Datasheet(PDF) 3 Page - Altera Corporation

Part # EP5348UI
Description  Integrated Inductor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5348UI Datasheet(HTML) 3 Page - Altera Corporation

  EP5348UI Datasheet HTML 1Page - Altera Corporation EP5348UI Datasheet HTML 2Page - Altera Corporation EP5348UI Datasheet HTML 3Page - Altera Corporation EP5348UI Datasheet HTML 4Page - Altera Corporation EP5348UI Datasheet HTML 5Page - Altera Corporation EP5348UI Datasheet HTML 6Page - Altera Corporation EP5348UI Datasheet HTML 7Page - Altera Corporation EP5348UI Datasheet HTML 8Page - Altera Corporation EP5348UI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EP5348UI
Absolute Maximum Ratings
CAUTION: Absolute Maximum ratings are stress ratings only.
Functional operation beyond the
recommended operating conditions is not implied. Stress beyond the absolute maximum ratings may
cause permanent damage to the device.
Exposure to absolute maximum rated conditions for
extended periods may affect device reliability.
PARAMETER
SYMBOL
MIN
MAX
UNITS
Absolute Maximum Electrical Ratings
Supply Voltage – PVIN, AVIN, VOUT
VIN
-0.3
6.0
V
Voltage on ENABLE
-0.3
VIN+ 0.3
V
Voltage on VFB
-0.3
2.7
V
ESD Rating (based on Human Body Mode)
2000
V
ESD Rating (Charge Device Model)
500
V
Absolute Maximum Thermal Ratings
Maximum Operating Junction Temperature
TJ-ABS
150
°C
Storage Temperature Range
TSTG
-65
150
°C
Reflow Temp, 10 Sec, MSL3 JEDEC J-STD-020C
260
°C
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Voltage Range
VIN
2.5
5.5
V
Output Voltage Range
VOUT
0.6
VIN-VDO
†
V
Operating Ambient Temperature
TA
-40
+85
°C
Operating Junction Temperature
TJ
-40
+125
°C
† V
DO (drop-out voltage) is defined as (ILOAD x Dropout Resistance). Please see the EC Table.
Thermal Characteristics
PARAMETER
SYMBOL
TYP
UNITS
Thermal Shutdown Trip Point
TJ-TP
+155
°C
Thermal Shutdown Trip Point Hysteresis
15
°C
Thermal Resistance: Junction to Ambient –0 LFM (Note 1)
θ
JA
105
°C/W
Note 1: Based on 2 oz. external copper layers and proper thermal design in line with
EIA/JEDEC JESD51-7 standard for high effective thermal conductivity boards.
3
www.altera.com/enpirion
05721
October 11, 2013
Rev D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com