Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5348UI Datasheet(PDF) 1 Page - Altera Corporation

Part # EP5348UI
Description  Integrated Inductor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5348UI Datasheet(HTML) 1 Page - Altera Corporation

  EP5348UI Datasheet HTML 1Page - Altera Corporation EP5348UI Datasheet HTML 2Page - Altera Corporation EP5348UI Datasheet HTML 3Page - Altera Corporation EP5348UI Datasheet HTML 4Page - Altera Corporation EP5348UI Datasheet HTML 5Page - Altera Corporation EP5348UI Datasheet HTML 6Page - Altera Corporation EP5348UI Datasheet HTML 7Page - Altera Corporation EP5348UI Datasheet HTML 8Page - Altera Corporation EP5348UI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Enpirion
® Power Datasheet
EP5348UI 400mA PowerSoC
Synchronous Buck Regulator
With Integrated Inductor
Description
The EP5348UI delivers
the optimal trade-off
between footprint and efficiency.
It is a perfect
alternative to replace less efficient LDOs in space
constrained applications that require improved
efficiency.
The EP5348UI is a 400mA PowerSoC which
integrates
MOSFET
switches,
control,
compensation, and the magnetics in a micro-
QFN Package. This highly integrated DCDC
solution offers up to 46-points better efficiency
than
the
comparable
LDO.
A
significant
reduction in power loss and improved thermals
are achieved.
It enables extended battery life
and helps Meet Energy Star requirements.
Integrated magnetics enables a tiny solution
footprint, low output ripple, and high reliability,
while maintaining high efficiency. The complete
solution size is similar to an LDO and much
smaller than a comparable DCDC.
Features
• Integrated Inductor Technology
• 400mA continuous output current
• 2.0mm x 1.75mm x 0.9mm uQFN package
• Small Solution Footprint
• Efficiency, up to 90%
• V
OUT Range 0.6V to VIN – VDROP_OUT
• Short circuit and over current protection
• UVLO and thermal protection
• IC level reliability in a PowerSoC solution
Applications
• Applications where poor LDO efficiency
creates:
o
Thermal challenges
o
Battery Life challenges
o
Failure to meet Energy Star
requirements
• Space-constrained applications
• Portable media players and USB peripherals
EP5348
10µF
0603
VOUT
PVIN
AGND
VIN
ENABLE
AVIN
PGND
COUT
VOUT
RA
RB
VFB
2.2µF
0603
CIN
CAVIN
0.1µF
CA
Figure 1: Typical Application Schematic
15
25
35
45
55
65
75
85
95
0.0
0.1
0.2
0.3
Load Current (A)
EP5348UI
LDO
Δ = 46-points
VIN = 5.0V
VOUT = 1.2V
www.altera.com/enpirion
05721
October 11, 2013
Rev D


Similar Part No. - EP5348UI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EP5348UI ENPIRION-EP5348UI Datasheet
318Kb / 12P
400mA Synchronous Buck Regulator with Integrated Inductor
EP5348UI-E ENPIRION-EP5348UI-E Datasheet
318Kb / 12P
400mA Synchronous Buck Regulator with Integrated Inductor
More results

Similar Description - EP5348UI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN2340QI ALTERA-EN2340QI Datasheet
1Mb / 23P
Integrated Inductor
EN5312QI ALTERA-EN5312QI Datasheet
990Kb / 16P
Integrated Inductor
EN6310QI ALTERA-EN6310QI Datasheet
1Mb / 23P
Integrated Inductor
EN6337QA ALTERA-EN6337QA Datasheet
1Mb / 23P
Integrated Inductor
EN6337QI ALTERA-EN6337QI Datasheet
1Mb / 23P
Integrated Inductor
EN6347QA ALTERA-EN6347QA Datasheet
1Mb / 25P
Integrated Inductor
EN6360QA ALTERA-EN6360QA Datasheet
1Mb / 24P
Integrated Inductor
EN63A0QA ALTERA-EN63A0QA Datasheet
1Mb / 25P
Integrated Inductor
EN63A0QI ALTERA-EN63A0QI Datasheet
2Mb / 25P
Integrated Inductor
EP5358LUA ALTERA-EP5358LUA Datasheet
1Mb / 21P
Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com