Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5348UI Datasheet(PDF) 6 Page - Altera Corporation

Part # EP5348UI
Description  Integrated Inductor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5348UI Datasheet(HTML) 6 Page - Altera Corporation

Back Button EP5348UI Datasheet HTML 2Page - Altera Corporation EP5348UI Datasheet HTML 3Page - Altera Corporation EP5348UI Datasheet HTML 4Page - Altera Corporation EP5348UI Datasheet HTML 5Page - Altera Corporation EP5348UI Datasheet HTML 6Page - Altera Corporation EP5348UI Datasheet HTML 7Page - Altera Corporation EP5348UI Datasheet HTML 8Page - Altera Corporation EP5348UI Datasheet HTML 9Page - Altera Corporation EP5348UI Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
EP5348UI
Load Transient: VIN = 3.3V, VOUT = 1.0V
Ch.1: VOUT, Ch.2: ILOAD 0↔ 400mA
CIN = 2.2µF/0603, COUT = 10µF/0603 + 2.2uF/0603
Load Transient: VIN = 5V, VOUT = 1.0V
Ch.1: VOUT, Ch.2: ILOAD 0↔ 400mA
CIN = 2.2µF/0603, COUT = 10µF/0603 + 2.2uF/0603
Power Up/Down at No Load: VIN/VOUT = 5.0V/1.2V,
Cout
≈ 10µF, Ch.1: ENABLE, Ch. 2: V
OUT, Ch.4: IOUT
Power Up/Down into 3
Ω load: V
IN/VOUT = 5.5V/3.3V,
Cout
≈ 10µF, Ch.1: ENABLE, Ch. 2: V
OUT, Ch.4: IOUT
6
www.altera.com/enpirion
05721
October 11, 2013
Rev D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com