Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1210 Datasheet(PDF) 39 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 35Page - Texas Instruments MSC1210 Datasheet HTML 36Page - Texas Instruments MSC1210 Datasheet HTML 37Page - Texas Instruments MSC1210 Datasheet HTML 38Page - Texas Instruments MSC1210 Datasheet HTML 39Page - Texas Instruments MSC1210 Datasheet HTML 40Page - Texas Instruments MSC1210 Datasheet HTML 41Page - Texas Instruments MSC1210 Datasheet HTML 42Page - Texas Instruments MSC1210 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
39
Data Pointer High 1 (DPH1)
7
6
5
4
3
2
1
0
Reset Value
SFR 85h
DPH1.7
DPH1.6
DPH1.5
DPH1.4
DPH1.3
DPH1.2
DPH1.1
DPH1.0
00h
DPH1.7−0
Data Pointer High. This register is the high byte of the auxiliary 16-bit data pointer. When the SEL bit (DPS.0,
bits 7−0
SFR 86h) is set, DPL1 and DPH1 are used in place of DPL0 and DPH0 during DPTR operations.
Data Pointer Select (DPS)
7
6
5
4
3
2
1
0
Reset Value
SFR 86h
0
0
0
0
0
0
0
SEL
00h
SEL
Data Pointer Select. This bit selects the active data pointer.
bit 0
0: Instructions that use the DPTR will use DPL0 and DPH0.
1: Instructions that use the DPTR will use DPL1 and DPH1.
Power Control (PCON)
7
6
5
4
3
2
1
0
Reset Value
SFR 87h
SMOD
0
1
1
GF1
GF0
STOP
IDLE
30h
SMOD
Serial Port 0 Baud Rate Doubler Enable. The serial baud rate doubling function for Serial Port 0.
bit 7
0: Serial Port 0 baud rate will be a standard baud rate.
1: Serial Port 0 baud rate will be double that defined by baud rate generation equation when using Timer 1.
GF1
General-Purpose User Flag 1. This is a general-purpose flag for software control.
bit 3
GF0
General-Purpose User Flag 0. This is a general-purpose flag for software control.
bit 2
STOP
Stop Mode Select. Setting this bit will halt the oscillator and block external clocks. This bit will always read as a 0.
bit 1
Exit with RESET.
IDLE
Idle Mode Select. Setting this bit will freeze the CPU, Timer 0, 1, and 2, and the USARTs; other peripherals remain
bit 0
active. This bit will always be read as a 0. Exit with AI (A6h) and EWU (C6h) interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com