Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1210 Datasheet(PDF) 29 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 29 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 25Page - Texas Instruments MSC1210 Datasheet HTML 26Page - Texas Instruments MSC1210 Datasheet HTML 27Page - Texas Instruments MSC1210 Datasheet HTML 28Page - Texas Instruments MSC1210 Datasheet HTML 29Page - Texas Instruments MSC1210 Datasheet HTML 30Page - Texas Instruments MSC1210 Datasheet HTML 31Page - Texas Instruments MSC1210 Datasheet HTML 32Page - Texas Instruments MSC1210 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
29
REGISTER MAP
The Register Map is illustrated in Figure 19. It is entirely
separate from the Program and Data Memory areas
mentioned before. A separate class of instructions is used
to access the registers. There are 256 potential register
locations. In practice, the MSC1210 has 256 bytes of
Scratchpad RAM and up to 128 SFRs. This is possible,
since the upper 128 Scratchpad RAM locations can only
be accessed indirectly. Thus, a direct reference to one of
the upper 128 locations must be an SFR access. Direct
RAM is reached at locations 0 to 7Fh (0 to 127).
FFh
255
128
FFh
80h
80h
7Fh
0000h
Indirect
RAM
Direct
RAM
Scratchpad
RAM
SFR Registers
Direct
Special
Function
Registers
Figure 19. Register Map
SFRs are accessed directly between 80h and FFh (128 to
255). The RAM locations between 128 and 255 can be
reached through an indirect reference to those locations.
Scratchpad RAM is available for general-purpose data
storage. It is commonly used in place of off-chip RAM
when the total data contents are small. When off-chip RAM
is needed, the Scratchpad area will still provide the fastest
general-purpose access. Within the 256 bytes of RAM,
there are several special-purpose areas.
Bit Addressable Locations
In addition to direct register access, some individual bits
are also accessible. These are individually addressable
bits in both the RAM and SFR area. In the Scratchpad
RAM area, registers 20h to 2Fh are bit addressable. This
provides 128 (16
× 8) individual bits available to software.
A bit access is distinguished from a full-register access by
the type of instruction. In the SFR area, any register
location ending in a 0 or 8 is bit addressable. Figure 20
shows details of the on-chip RAM addressing including the
locations of individual RAM bits.
Working Registers
As part of the lower 128 bytes of RAM, there are four banks
of Working Registers, as shown in Figure 20. The Working
Registers are general-purpose RAM locations that can be
addressed in a special way. They are designated R0
through R7. Since there are four banks, the currently
selected bank will be used by any instruction using
R0—R7. This allows software to change context by simply
switching banks. This is controlled via the Program Status
Word register (PSW; 0D0h) in the SFR area described
below. Registers R0 and R1 also allow their contents to be
used for indirect addressing of the upper 128 bytes of
RAM. Thus, an instruction can designate the value stored
in R0 (for example) to address the upper RAM. The 16
bytes immediately above the R0—R7 registers are bit
addressable. So any of the 128 bits in this area can be
directly accessed using bit addressable instructions.
FFh
7Fh
2Fh
2Dh
2Eh
2Ch
2Bh
2Ah
29h
28h
27h
26h
25h
24h
23h
22h
21h
20h
1Fh
18h
17h
10h
0Fh
08h
07h
7F
7E
7D
7C
7B
7A
79
78
77
76
75
74
73
72
71
70
6F
6E
6D
6C
6B
6A
69
68
67
66
65
64
63
62
61
60
5F
5E
5D
5C
5B
5A
59
58
57
56
55
54
53
52
51
50
4F
4E
4D
4C
4B
4A
49
48
47
46
45
44
43
42
41
40
3F
3E
3D
3C
3B
3A
39
38
37
36
35
34
33
32
31
30
2F
2E
2D
2C
2B
2A
29
28
27
26
25
24
23
22
21
20
1F
1E
1D
1C
1B
1A
19
18
17
16
15
14
13
12
11
10
0F
0E
0D
0C
0B
0A
09
08
07
06
05
04
03
02
01
00
0000h
Direct
RAM
Bank 3
Bank 2
Bank 1
Bank 0
MSB
LSB
Indirect
RAM
Figure 20. Scratchpad Register Addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com