Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1210 Datasheet(PDF) 1 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 1 Page - Texas Instruments

  MSC1210 Datasheet HTML 1Page - Texas Instruments MSC1210 Datasheet HTML 2Page - Texas Instruments MSC1210 Datasheet HTML 3Page - Texas Instruments MSC1210 Datasheet HTML 4Page - Texas Instruments MSC1210 Datasheet HTML 5Page - Texas Instruments MSC1210 Datasheet HTML 6Page - Texas Instruments MSC1210 Datasheet HTML 7Page - Texas Instruments MSC1210 Datasheet HTML 8Page - Texas Instruments MSC1210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
FEATURES
ANALOG FEATURES
D 24 Bits No Missing Codes
D 22 Bits Effective Resolution at 10Hz
− Low Noise: 75nV
D PGA From 1 to 128
D Precision On-Chip Voltage Reference
− Accuracy: 0.2%
− Drift: 5ppm/
°C
D 8 Differential/Single-Ended Channels
D On-Chip Offset/Gain Calibration
D Offset Drift: 0.02ppm/°C
D Gain Drift: 0.5ppm/°C
D On-Chip Temperature Sensor
D Burnout Sensor Detection
D Single-Cycle Conversion
D Selectable Buffer Input
DIGITAL FEATURES
Microcontroller Core
D 8051-Compatible
D High-Speed Core
− 4 Clocks per Instruction Cycle
D DC to 33MHz
D Single Instruction 121ns
D Dual Data Pointer
Memory
D Up To 32kB Flash Memory
D Flash Memory Partitioning
D Endurance 1M Erase/Write Cycles,
100 Year Data Retention
D In-System Serially Programmable
D External Program/Data Memory (64kB)
D 1,280 Bytes Data SRAM
D Flash Memory Security
D 2kB Boot ROM
D Programmable Wait State Control
Peripheral Features
D 34 I/O Pins
D Additional 32-Bit Accumulator
D Three 16-Bit Timer/Counters
D System Timers
D Programmable Watchdog Timer
D Full-Duplex Dual USARTs
D Master/Slave SPI
D 16-Bit PWM
D Power Management Control
D Idle Mode Current < 1mA
D Stop Mode Current < 1mA
D Programmable Brownout Reset
D Programmable Low Voltage Detect
D 21 Interrupt Sources
D Two Hardware Breakpoints
GENERAL FEATURES
D Pin-Compatible with MSC1211/12/13/14
D Package: TQFP-64
D Low Power: 4mW
D Industrial Temperature Range:
−40
°C to +85°C
D Power Supply: 2.7V to 5.25V
APPLICATIONS
D Industrial Process Control
D Instrumentation
D Liquid/Gas Chromatography
D Blood Analysis
D Smart Transmitters
D Portable Instruments
D Weigh Scales
D Pressure Transducers
D Intelligent Sensors
D Portable Applications
D DAS Systems
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
Precision Analog-to-Digital Converter (ADC)
with 8051 Microcontroller and Flash Memory
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2002−2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - MSC1210

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1210 OKI-MSC1210 Datasheet
141Kb / 11P
Clock For 1/2 Duty VFD
logo
Texas Instruments
MSC1210 TI-MSC1210 Datasheet
910Kb / 94P
Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI1-MSC1210 Datasheet
909Kb / 95P
Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210Y2 TI-MSC1210Y2 Datasheet
910Kb / 94P
Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210Y2 TI2-MSC1210Y2 Datasheet
942Kb / 96P
Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
REVISED JANUARY 2008
More results

Similar Description - MSC1210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1211 TI-MSC1211 Datasheet
920Kb / 105P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
Precision Analog-to-Digital Converter (ADC)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1210 TI-MSC1210_08 Datasheet
910Kb / 94P
Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
MSC1210 TI1-MSC1210_14 Datasheet
909Kb / 95P
Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
logo
SINOWEALTH Electronic L...
SH88F516 SINOWEALTH-SH88F516 Datasheet
1Mb / 105P
8051 Microcontroller with 10bit ADC
V2.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com