Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1210 Datasheet(PDF) 2 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 2 Page - Texas Instruments

  MSC1210 Datasheet HTML 1Page - Texas Instruments MSC1210 Datasheet HTML 2Page - Texas Instruments MSC1210 Datasheet HTML 3Page - Texas Instruments MSC1210 Datasheet HTML 4Page - Texas Instruments MSC1210 Datasheet HTML 5Page - Texas Instruments MSC1210 Datasheet HTML 6Page - Texas Instruments MSC1210 Datasheet HTML 7Page - Texas Instruments MSC1210 Datasheet HTML 8Page - Texas Instruments MSC1210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
2
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
FLASH MEMORY
PACKAGE-LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE RANGE
PACKAGE
MARKING
MSC1210Y2
4k
TQFP-64
PAG
−40
°C to +85°C
MSC1210Y2
MSC1210Y2
4k
TQFP-64
PAG
−40
°C to +85°C
MSC1210Y2
MSC1210Y3
8k
TQFP-64
PAG
−40
°C to +85°C
MSC1210Y3
MSC1210Y3
8k
TQFP-64
PAG
−40
°C to +85°C
MSC1210Y3
MSC1210Y4
16k
TQFP-64
PAG
−40
°C to +85°C
MSC1210Y4
MSC1210Y4
16k
TQFP-64
PAG
−40
°C to +85°C
MSC1210Y4
MSC1210Y5
32k
TQFP-64
PAG
−40
°C to +85°C
MSC1210Y5
MSC1210Y5
32k
TQFP-64
PAG
−40
°C to +85°C
MSC1210Y5
(1) For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or refer to our web site at www.ti.com.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS(1)
MSC1210Yx
UNITS
Analog Inputs
Input current
Momentary
100
mA
Input current
Continuous
10
mA
Input voltage
AGND − 0.3 to AVDD + 0.3
V
Power Supply
DVDD to DGND
−0.3 to +6
V
AVDD to AGND
−0.3 to +6
V
AGND to DGND
−0.3 to +0.3
V
VREF to AGND
−0.3 to AVDD + 0.3
V
Digital input voltage to DGND
−0.3 to DVDD + 0.3
V
Digital output voltage to DGND
−0.3 to DVDD + 0.3
V
Maximum junction temperature
150
°C
Operating temperature range
−40 to +85
°C
Storage temperature range
−65 to +150
°C
Lead temperature (soldering, 10s)
+235
°C
Package power dissipation
(TJ Max − TAMBIENT)/qJA
W
Output current, all pins
200
mA
Output pin short-circuit
10
s
Junction to ambient (
qJA)
High K (2s 2p)
62.9
°C/W
Thermal Resistance
Junction to ambient (
qJA)
Low K (1s)
78.2
°C/W
Thermal Resistance
Junction to case (
qJC)
13.8
°C/W
Digital Outputs
Output current
Continuous
100
mA
I/O source/sink current
100
mA
Power pin maximum
300
mA
(1) Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute maximum conditions for
extended periods may affect device reliability.
MSC1210YX FAMILY FEATURES
FEATURES(1)
MSC1210Y2(2)
MSC1210Y3(2)
MSC1210Y4(2)
MSC1210Y5(2)
Flash Program Memory (Bytes)
Up to 4k
Up to 8k
Up to 16k
Up to 32k
Flash Data Memory (Bytes)
Up to 4k
Up to 8k
Up to 16k
Up to 32k
Internal Scratchpad RAM (Bytes)
256
256
256
256
Internal MOVX RAM (Bytes)
1024
1024
1024
1024
Externally Accessible Memory (Bytes)
64k Program, 64k Data
64k Program, 64k Data
64k Program, 64k Data
64k Program, 64k Data
(1) All peripheral features are the same on all devices; the flash memory size is the only difference.
(2) The last digit of the part number (N) represents the onboard flash size = (2N)kBytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com