Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS96F172MW/883 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96F172MW/883
Description  Quad Differential Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96F172MW/883 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS96F172MW/883 Datasheet HTML 1Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 2Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 3Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 4Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 5Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 6Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 7Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 8Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIL-STD-883C
Absolute Maximum Ratings (Note 2)
For complete Military Specifications, refer to the appro-
priate SMD or MDS.
Storage Temperature Range (T
STG)
−65˚C to +175˚C
Lead Temperature (Soldering, 60 sec.)
300˚C
Maximum Package Power Dissipation (Note 9) at 25˚C
Ceramic LCC (E)
2000 mW
Ceramic DIP (J)
1800 mW
Ceramic Flatpak (W)
1000 mW
Supply Voltage
7.0V
Enable Input Voltage
5.5V
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage (V
CC)
DS96F172M/DS96F174M
4.50
5.0
5.50
V
Common Mode
−7.0
+12.0
V
Output Voltage (V
OC)
Output Current HIGH (I
OH)
−60
mA
Output Current LOW (I
OL)60
mA
Operating Temperature (T
A)
DS96F172M/DS96F174M
−55
+125
Note 9: Above TA = 25˚C, derate “E” package 13.4, “J” package 12.5, “W”
package 7.1 mW/˚C
Electrical Characteristics (Notes 3, 4)
Over recommended supply voltage and operating temperature range unless otherwise specified
Symbol
Parameter
Conditions
Min
Max
Units
V
IH
Input Voltage HIGH
2.0
V
V
IL
Input Voltage LOW
T
A = 25˚C
0.8
V
T
A = −55˚C, or +125˚C
0.7
V
IC
Input Clamp Voltage
I
I = −18 mA
−1.5
V
|V
OD1|
Differential Output Voltage
I
O = 0 mA
6.0
V
|V
OD2|
Differential Output Voltage
R
L =54Ω,VCC = 4.5V
T
A = −55˚C
1.2
Figure 1
T
A = 25˚C, or +125˚C
1.5
V
R
L = 100Ω,VCC = 4.5V, Figure 1
2.0
∆|V
OD|
Change in Magnitude of Differential
R
L =54Ω or 100Ω,TA = 25˚C, or +125˚C
±0.2
V
Output Voltage (Note 5)
V
CC = 4.5V, Figure 1
−55˚C
±0.4
V
V
OC
Common Mode Output Voltage
(Note 6)
R
L =54Ω or 100Ω, Figure 1
3.0
V
∆|V
OC|
Change in Magnitude of Common
R
L =54Ω or 100Ω,VCC = 4.5V, Figure 1
±0.2
V
Mode Output Voltage (Note 5)
I
O
Output Current with Power Off
V
CC = 0V, VO = −7.0V to +12V
±50
µA
I
OZ
High Impedance State Output Current
V
O = −7.0V to +12V
±50
µA
I
IH
Input Current HIGH
V
I = 2.4V
20
µA
I
IL
Input Current LOW
V
I = 0.4V
−50
µA
I
OS
Short Circuit Output Current
V
O = −7.0V
−250
(Note 7)
V
O = 0V
−150
mA
V
O =VCC
150
V
O = +12V
250
I
CC
Supply Current (All Drivers)
No Load
Outputs Enabled
50
mA
I
CCX
Outputs Disabled
30
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com