Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS96F172MW/883 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96F172MW/883
Description  Quad Differential Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96F172MW/883 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS96F172MW/883 Datasheet HTML 1Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 2Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 3Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 4Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 5Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 6Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 7Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 8Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MIL-STD-883C
Switching Characteristics
V
CC = 5.0V
Symbol
Parameter
Conditions
T
A = 25˚C
T
A = 55˚C
T
A = 125˚C
Units
Typ
Max
Max
Max
t
DD
Differential Output Delay Time
R
L =60Ω,CL = 15 pF,
15
22
30
30
ns
t
TD
Differential Output Transition Time
Figure 3
15
22
40
40
ns
t
PLH
Propagation Delay Time,
R
L =27Ω,CL = 15 pF,
12
16
25
25
ns
Low-to-High Level Output
Figure 4
t
PHL
Propagation Delay Time,
12
16
25
25
ns
High-to-Low Level Output
t
ZH
Output Enable Time to High Level
R
L = 110Ω, Figure 5
25
32
40
40
ns
t
ZL
Output Enable Time to Low Level
R
L = 110Ω, Figure 6
25
35
100
100
ns
t
HZ
Output Disable Time from High Level
R
L = 110Ω, Figure 5,
25
30
80
80
ns
Note 13
t
LZ
Output Disable Time from Low Level
R
L = 110Ω, Figure 6
20
25
40
40
ns
t
LZL
Output Disable Time from Low Level
Figure 6
300
ns
with Load Resistor to GND (Note 12)
t
SKEW
Driver Output to Output
R
L =60Ω
1.0
4.0
10
10
ns
SMD Numbers: DS96F172MJ/883
5962-9076501MEA
DS96F174MJ/883
5962-9076502MEA
DS96F172ME/883
5962-9076501M2A
DS96F174MW/883
5962-9076502MFA
DS96F174ME/883
5962-9076502M2A
Order Number: DS96F172MJ/883, DS96F174MJ/883
NS Package Number J16A
DS96F172ME/883, DS96F174ME/883
NS Package Number E20A
DS96F172MW-MIL, DS96F174MW/883
NS Package Number W16A
For Complete Military Product Specifications, refer to the appropriate SMD or MDS.
Parameter Measurement Information
DS009625-3
FIGURE 1. Differential and Common
Mode Output Voltage
DS009625-13
FIGURE 2. Differential Output Voltage with
Varying Common Mode Voltage
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com