Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS96F172MW/883 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96F172MW/883
Description  Quad Differential Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96F172MW/883 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS96F172MW/883 Datasheet HTML 2Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 3Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 4Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 5Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 6Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 7Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 8Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 9Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Parameter Measurement Information (Continued)
Note 10: The input pulse is supplied by a generator having the following characteristics: f = 1.0 MHz, duty cycle = 50%,tr ≤ 5.0 ns, tf ≤ 5.0 ns, ZO =50Ω.
Note 11: CL includes probe and jig capacitance.
Note 12: DS96F172 with active high and active low Enables is shown. DS96F174 has active high Enable only.
Note 13: To test the active low Enable E of DS96F172 ground E and apply an inverted waveform to E . DS96F174 has active high Enable only.
Note 14: For more information see Application Bulletin, Contact Product Marketing.
Note 15: Not tested for DS96F172MW-MIL device.
DS009625-4
DS009625-5
FIGURE 3. Differential Output Delay and Transition Times
DS009625-6
DS009625-7
FIGURE 4. Propagation Delay Times
DS009625-8
DS009625-9
FIGURE 5. t
ZH and tHZ
DS009625-10
DS009625-11
FIGURE 6. t
ZL,tLZ,tLZL
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com