Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS96F172MW/883 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96F172MW/883
Description  Quad Differential Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96F172MW/883 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS96F172MW/883 Datasheet HTML 1Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 2Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 3Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 4Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 5Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 6Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 7Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 8Page - National Semiconductor (TI) DS96F172MW/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DS96F172C/DS96F172M/DS96F174C/DS96F174M
EIA-485/EIA-422 Quad Differential Drivers
General Description
The DS96F172 and the DS96F174 are high speed quad dif-
ferential line drivers designed to meet EIA-485 Standards.
The DS96F172 and the DS96F174 offer improved perfor-
mance due to the use of L-FAST bipolar technology. The use
of LFAST technology allows the DS96F172 and DS96F174
to operate at higher speeds while minimizing power con-
sumption.
The DS96F172 and the DS96F174 have TRI-STATE® out-
puts and are optimized for balanced multipoint data bus
transmission at rates up to 15 Mbps. The drivers have wide
positive and negative common mode range for multipoint ap-
plications in noisy environments. Positive and negative
current-limiting is provided which protects the drivers from
line fault conditions over a +12V to −7.0V common mode
range. A thermal shutdown feature is also provided. The
DS96F172 features an active high and active low Enable,
common to all four drivers. The DS96F174 features separate
active high Enables for each driver pair.
Features
n Meets EIA-485 and EIA-422 standards
n Monotonic differential output switching
n TRI-STATE outputs
n Designed for multipoint bus transmission
n Common mode output voltage range: −7.0V to +12V
n Operates from single +5.0V supply
n Reduced power consumption
n Thermal shutdown protection
n DS96F172 and DS96F174 are lead and function
compatible with the SN75172/174 or the
AM26LS31/MC3487
n Military temperature range available
n Qualified for MIL-STD-883C
n Standard military drawings available (SMD)
n Available in DIP (J), LCC (E), and Flatpak (W) packages
Logic Diagrams
Function Tables (Each Driver)
DS96F172
Input
Enable
Outputs
AE
E
YZ
HH
X
H
L
LH
X
L
H
HX
L
H
L
LX
L
L
H
XL
H
Z
Z
DS96F174
Input
Enable
Outputs
AE
Y
Z
HH
H
L
LH
L
H
XL
Z
Z
H = High Level
L = Low Level
X = Don’t Care
Z = High Impedance (Off)
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS96F172
DS009625-14
DS96F174
DS009625-15
June 1998
© 1998 National Semiconductor Corporation
DS009625
www.national.com


Similar Part No. - DS96F172MW/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F172MW/883 NSC-DS96F172MW/883 Datasheet
717Kb / 11P
EIA-485/EIA-422 Quad Differential Drivers
More results

Similar Description - DS96F172MW/883

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
National Semiconductor ...
DS26F31M NSC-DS26F31M Datasheet
192Kb / 5P
Quad High Speed Differential Line Drivers
logo
Texas Instruments
TB5D2H TI-TB5D2H Datasheet
354Kb / 16P
QUAD DIFFERENTIAL PECL DRIVERS
logo
Agere Systems
DS99144 AGERE-DS99144 Datasheet
255Kb / 16P
QUAD DIFFERENTIAL DRIVERS
January 1999
logo
National Semiconductor ...
DS26F31MQML NSC-DS26F31MQML Datasheet
652Kb / 11P
Quad High Speed Differential Line Drivers
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
Radiation Hardened Quad Differential Line Drivers
February 23, 2012
HS-26CLV31RH INTERSIL-HS-26CLV31RH_12 Datasheet
299Kb / 3P
Radiation Hardened 3.3V Quad Differential Line Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
EIA-485/EIA-422 Quad Differential Drivers
TB5D1M TI1-TB5D1M Datasheet
707Kb / 21P
QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M_17 Datasheet
697Kb / 21P
QUAD DIFFERENTIAL PECL DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com