Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C660 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # P89C660
Description  80C51 8-bit Flash microcontroller family
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C660 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button P89C660 Datasheet HTML 60Page - NXP Semiconductors P89C660 Datasheet HTML 61Page - NXP Semiconductors P89C660 Datasheet HTML 62Page - NXP Semiconductors P89C660 Datasheet HTML 63Page - NXP Semiconductors P89C660 Datasheet HTML 64Page - NXP Semiconductors P89C660 Datasheet HTML 65Page - NXP Semiconductors P89C660 Datasheet HTML 66Page - NXP Semiconductors P89C660 Datasheet HTML 67Page - NXP Semiconductors P89C660 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 89 page
background image
Philips Semiconductors
Product data
P89C660/P89C662/P89C664/
P89C668
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM
2002 Oct 28
64
FFFF
C000
8000
4000
2000
0000
BLOCK 4
16 KBYTES
BLOCK 3
16 KBYTES
BLOCK 2
16 KBYTES
BLOCK 1
8 KBYTES
BLOCK 0
8 KBYTES
PROGRAM
ADDRESS
BOOT ROM
(1 KBYTE)
FFFF
FC00
SU01264
89C664/89C668
89C662
89C660
Figure 55. Flash Memory Configurations
Power-On Reset Code Execution
The P89C660/662/664/668 contains two special Flash registers: the
BOOT VECTOR and the STATUS BYTE. At the falling edge of reset,
the P89C660/662/664/668 examines the contents of the Status
Byte. If the Status Byte is set to zero, power-up execution starts at
location 0000H, which is the normal start address of the user’s
application code. When the Status Byte is set to a value other than
zero, the contents of the Boot Vector is used as the high byte of the
execution address and the low byte is set to 00H. The factory
default setting is 0FCH, corresponds to the address 0FC00H for the
factory masked-ROM ISP boot loader. A custom boot loader can be
written with the Boot Vector set to the custom boot loader.
NOTE:
When erasing the Status Byte or Boot Vector,
both bytes are erased at the same time. It is necessary
to reprogram the Boot Vector after erasing and
updating the Status Byte.
Hardware Activation of the Boot Loader
The boot loader can also be executed by holding PSEN LOW, P2.7,
P2.6 high, EA greater than VIH (such as +5 V), and ALE HIGH (or
not connected) at the falling edge of RESET. This is the same effect
as having a non-zero status byte. This allows an application to be
built that will normally execute the end user’s code but can be
manually forced into ISP operation.
If the factory default setting for the Boot Vector (0FCH) is changed, it
will no longer point to the ISP masked-ROM boot loader code. If this
happens, the only possible way to change the contents of the Boot
Vector is through the parallel programming method, provided that
the end user application does not contain a customized loader that
provides for erasing and reprogramming of the Boot Vector and
Status Byte.
After programming the Flash, the status byte should be programmed
to zero in order to allow execution of the user’s application code
beginning at address 0000H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com