Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C660 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # P89C660
Description  80C51 8-bit Flash microcontroller family
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C660 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button P89C660 Datasheet HTML 66Page - NXP Semiconductors P89C660 Datasheet HTML 67Page - NXP Semiconductors P89C660 Datasheet HTML 68Page - NXP Semiconductors P89C660 Datasheet HTML 69Page - NXP Semiconductors P89C660 Datasheet HTML 70Page - NXP Semiconductors P89C660 Datasheet HTML 71Page - NXP Semiconductors P89C660 Datasheet HTML 72Page - NXP Semiconductors P89C660 Datasheet HTML 73Page - NXP Semiconductors P89C660 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 89 page
background image
Philips Semiconductors
Product data
P89C660/P89C662/P89C664/
P89C668
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM
2002 Oct 28
70
IAP CALL
PARAMETER
ERASE BOOT VECTOR &
STATUS BYTE
Input Parameters:
R0 = osc freq (integer)
R1 = 04h
R1 = 84h (WDT feed, Rx2 & 66x only)
DPH = 00h
DPL = don’t care
Return Parameter
none
Sample routine:
;***** Erase Boot Vector (BV) & Status Byte (SB) *****
;***** Note: This command erases BOTH the SB & BV
ERSBBV;
MOV
AUXR1,#20H
;set the ENBOOT bit
MOV
R0, #11
;FOSC
MOV
R1,#04H
;erase status byte & boot vector
MOV
DPH,#00h
;we don’t care about DPL
CALL
PGM_MTP
;execute the function
RET
PROGRAM SECURITY BIT
Input Parameters:
R0 = osc freq (integer)
R1 = 05h
R1 = 85h (WDT feed, Rx2 & 66x only)
DPH = 00h
DPL = 00h – security bit # 1 (inhibit writing to Flash)
01h – security bit # 2 (inhibit Flash verify)
02h – security bit # 3 (disable external memory)
Return Parameter
none
Sample routines:
;***** Program Security Bit1 *****
;***** DPTR indicates security bit to program *****
WRSB1:
MOV
AUXR1,#20H
;set the ENBOOT bit
MOV
R0,#11
;FOSC
MOV
R1,#05H
;program security bit function
MOV
DPTR,#0000h
;specify security bit 1
CALL
PGM_MTP
;execute the function
RET
;***** Program Security Bit2 *****
;***** DPTR indicates security bit to program *****
WRSB2:
MOV
AUXR1,#20H
;set the ENBOOT bit
MOV
R0,#11
;FOSC
MOV
R1,#05H
;program security bit function
MOV
DPTR,#0001h
;specify security bit 2
CALL
PGM_MTP
;execute the function
RET
;***** Program Security Bit3 *****
;***** DPTR indicates security bit to program *****
WRSB3:
MOV
AUXR1,#20H
;set the ENBOOT bit
MOV
R0,#11
;FOSC
MOV
R1,#05H
;program security bit function
MOV
DPTR,#0002h
;specify security bit 3
CALL
PGM_MTP
;execute the function
RET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com