Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C660 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P89C660
Description  80C51 8-bit Flash microcontroller family
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C660 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P89C660 Datasheet HTML 3Page - NXP Semiconductors P89C660 Datasheet HTML 4Page - NXP Semiconductors P89C660 Datasheet HTML 5Page - NXP Semiconductors P89C660 Datasheet HTML 6Page - NXP Semiconductors P89C660 Datasheet HTML 7Page - NXP Semiconductors P89C660 Datasheet HTML 8Page - NXP Semiconductors P89C660 Datasheet HTML 9Page - NXP Semiconductors P89C660 Datasheet HTML 10Page - NXP Semiconductors P89C660 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 89 page
background image
Philips Semiconductors
Product data
P89C660/P89C662/P89C664/
P89C668
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM
2002 Oct 28
7
PIN DESCRIPTIONS
MNEMONIC
PIN NUMBER
TYPE
NAME AND FUNCTION
MNEMONIC
PLCC
LQFP
TYPE
NAME AND FUNCTION
VSS
22
16
I
Ground: 0 V reference.
VCC
44
38
I
Power Supply: This is the power supply voltage for normal, idle, and power-down operation.
P0.0–0.7
43–36
37–30
I/O
Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that have 1s written to them
float and can be used as high-impedance inputs. Port 0 is also the multiplexed low-order
address and data bus during accesses to external program and data memory. In this
application, it uses strong internal pull-ups when emitting 1s.
P1.0–P1.7
2–9
40–44,
1–3
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups on all pins except P1.6 and
P1.7 which are open drain. Port 1 pins that have 1s written to them are pulled high by the
internal pull-ups and can be used as inputs. As inputs, port 1 pins that are externally pulled low
will source current because of the internal pull-ups. (See DC Electrical Characteristics: IIL).
Alternate functions for P89C660/662/664/668 Port 1 include:
2
40
I/O
T2 (P1.0): Timer/Counter 2 external count input/Clockout (see Programmable Clock-Out)
3
41
I
T2EX (P1.1): Timer/Counter 2 Reload/Capture/Direction Control
4
42
I
ECI (P1.2): External Clock Input to the PCA
5
43
I/O
CEX0 (P1.3): Capture/Compare External I/O for PCA module 0
6
44
I/O
CEX1 (P1.4): Capture/Compare External I/O for PCA module 1
7
1
I/O
CEX2 (P1.5): Capture/Compare External I/O for PCA module 2
8
2
I/O
SCL (P1.6): I2C bus clock line (open drain)
9
3
I/O
SDA (P1.7): I2C bus data line (open drain)
P2.0–P2.7
24–31
18–25
I/O
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups. Port 2 pins that have 1s
written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs,
port 2 pins that are externally being pulled low will source current because of the internal
pull-ups. (See DC Electrical Characteristics: IIL). Port 2 emits the high-order address byte
during fetches from external program memory and during accesses to external data memory
that use 16-bit addresses (MOVX @DPTR). In this application, it uses strong internal pull-ups
when emitting 1s. During accesses to external data memory that use 8-bit addresses (MOV
@Ri), port 2 emits the contents of the P2 special function register.
P3.0–P3.7
11,
13–19
5, 7–13
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3 pins that have 1s
written to them are pulled high by the internal pull-ups and can be used as inputs. As inputs,
port 3 pins that are externally being pulled low will source current because of the pull-ups. (See
DC Electrical Characteristics: IIL). Port 3 also serves the special features of the
P89C660/662/664/668, as listed below:
11
5
I
RxD (P3.0): Serial input port
13
7
O
TxD (P3.1): Serial output port
14
8
I
INT0 (P3.2): External interrupt
15
9
I
INT1 (P3.3): External interrupt
16
10
I
CEX3/T0 (P3.4): Timer 0 external input; Capture/Compare External I/O for PCA module 3
17
11
I
CEX4/T1 (P3.5): Timer 1 external input; Capture/Compare External I/O for PCA module 4
18
12
O
WR (P3.6): External data memory write strobe
19
13
O
RD (P3.7): External data memory read strobe
RST
10
4
I
Reset: A high on this pin for two machine cycles while the oscillator is running, resets the
device. An internal resistor to VSS permits a power-on reset using only an external capacitor to
VCC.
ALE
33
27
O
Address Latch Enable: Output pulse for latching the low byte of the address during an access
to external memory. In normal operation, ALE is emitted twice every machine cycle, and can be
used for external timing or clocking. Note that one ALE pulse is skipped during each access to
external data memory. ALE can be disabled by setting SFR auxiliary.0. With this bit set, ALE
will be active only during a MOVX instruction.
PSEN
32
26
O
Program Store Enable: The read strobe to external program memory. When executing code
from the external program memory, PSEN is activated twice each machine cycle, except that
two PSEN activations are skipped during each access to external data memory. PSEN is not
activated during fetches from internal program memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com