Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C660 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # P89C660
Description  80C51 8-bit Flash microcontroller family
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C660 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button P89C660 Datasheet HTML 16Page - NXP Semiconductors P89C660 Datasheet HTML 17Page - NXP Semiconductors P89C660 Datasheet HTML 18Page - NXP Semiconductors P89C660 Datasheet HTML 19Page - NXP Semiconductors P89C660 Datasheet HTML 20Page - NXP Semiconductors P89C660 Datasheet HTML 21Page - NXP Semiconductors P89C660 Datasheet HTML 22Page - NXP Semiconductors P89C660 Datasheet HTML 23Page - NXP Semiconductors P89C660 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 89 page
background image
Philips Semiconductors
Product data
P89C660/P89C662/P89C664/
P89C668
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM
2002 Oct 28
20
More Information on SIO1 Operating Modes
The four operating modes are:
– Master Transmitter
– Master Receiver
– Slave Receiver
– Slave Transmitter
Data transfers in each mode of operation are shown in Figures 8-11.
These figures contain the following abbreviations:
Abbreviation
Explanation
S
Start condition
SLA
7-bit slave address
R
Read bit (high level at SDA)
W
Write bit (low level at SDA)
A
Acknowledge bit (low level at SDA)
A
Not acknowledge bit (high level at SDA)
Data
8-bit data byte
P
Stop condition
In Figures 8-11, circles are used to indicate when the serial interrupt
flag is set. The numbers in the circles show the status code held in
the S1STA register. At these points, a service routine must be
executed to continue or complete the serial transfer. These service
routines are not critical since the serial transfer is suspended until
the serial interrupt flag is cleared by software.
When a serial interrupt routine is entered, the status code in S1STA
is used to branch to the appropriate service routine. For each status
code, the required software action and details of the following serial
transfer are given in Tables 4-8.
Master Transmitter mode
In the Master Transmitter mode, a number of data bytes are
transmitted to a slave receiver (see Figure 8). Before the Master
Transmitter mode can be entered, S1CON must be initialized as
follows:
S1CON (D8H)
CR2
ENS1
STA
STO
SI
AA
CR1
CR0
7
65
4
3
2
1
0
10
0
0
X
bit rate
bit
rate
CR0, CR1, and CR2 define the serial bit rate. ENS1 must be set to
logic 1 to enable SIO1. If the AA bit is reset, SIO1 will not
acknowledge its own slave address or the general call address in
the event of another device becoming master of the bus. In other
words, if AA is reset, SIO0 cannot enter a Slave mode. STA, STO,
and SI must be reset.
The Master Transmitter mode may now be entered by setting the
STA bit using the SETB instruction. The SIO1 logic will now test the
I2C bus and generate a start condition as soon as the bus becomes
free. When a START condition is transmitted, the serial interrupt flag
(SI) is set, and the status code in the status register (S1STA) will be
08H. This status code must be used to vector to an interrupt service
routine that loads S1DAT with the slave address and the data
direction bit (SLA+W). The SI bit in S1CON must then be reset
before the serial transfer can continue.
When the slave address and the direction bit have been transmitted
and an acknowledgment bit has been received, the serial interrupt
flag (SI) is set again, and a number of status codes in S1STA are
possible. There are 18H, 20H, or 38H for the Master mode and also
68H, 78H, or B0H if the Slave mode was enabled (AA = logic 1). The
appropriate action to be taken for each of these status codes is
detailed in Table 4. After a repeated start condition (state 10H). SIO1
may switch to the Master Receiver mode by loading S1DAT with
SLA+R).
Master Receiver mode
In the Master Receiver mode, a number of data bytes are received
from a slave transmitter (see Figure 9). The transfer is initialized as
in the Master Transmitter mode. When the start condition has been
transmitted, the interrupt service routine must load S1DAT with the
7-bit slave address and the data direction bit (SLA+R). The SI bit in
S1CON must then be cleared before the serial transfer can
continue.
When the slave address and the data direction bit have been
transmitted and an acknowledgment bit has been received, the
serial interrupt flag (SI) is set again, and a number of status codes in
S1STA are possible. These are 40H, 48H, or 38H for the Master
mode and also 68H, 78H, or B0H if the Slave mode was enabled
(AA = logic 1). The appropriate action to be taken for each of these
status codes is detailed in Table 5. ENS1, CR1, and CR0 are not
affected by the serial transfer and are not referred to in Table 5. After
a repeated start condition (state 10H), SIO1 may switch to the
Master Transmitter mode by loading S1DAT with SLA+W.
Slave Receiver mode
In the Slave Receiver mode, a number of data bytes are received
from a master transmitter (see Figure 10). To initiate the Slave
Receiver mode, S1ADR and S1CON must be loaded as follows:
S1ADR (DBH)
XGC
7
65
43
2
1
0
own slave address
X
XX
XX
X
The upper 7 bits are the address to which SIO1 will respond when
addressed by a master. If the LSB (GC) is set, SIO1 will respond to
the general call address (00H); otherwise it ignores the general call
address.
S1CON (D8H)
ENS1
STA
STO
SI
AA
CR1
CR0
7
65
4
3
2
1
0
X1
0
0
0
1
X
X
CR2
CR0, CR1, and CR2 do not affect SIO1 in the Slave mode. ENS1
must be set to logic 1 to enable SIO1. The AA bit must be set to
enable SIO1 to acknowledge its own slave address or the general
call address. STA, STO, and SI must be reset.
When S1ADR and S1CON have been initialized, SIO1 waits until it
is addressed by its own slave address followed by the data direction
bit which must be “0” (W) for SIO1 to operate in the Slave Receiver
mode. After its own slave address and the W bit have been
received, the serial interrupt flag (I) is set and a valid status code
can be read from S1STA. This status code is used to vector to an
interrupt service routine, and the appropriate action to be taken for
each of these status codes is detailed in Table 6. The Slave
Receiver mode may also be entered if arbitration is lost while SIO1
is in the Master mode (see status 68H and 78H).
If the AA bit is reset during a transfer, SIO1 will return a not
acknowledge (logic 1) to SDA after the next received data byte.
While AA is reset, SIO1 does not respond to its own slave address
or a general call address. However, the I2C bus is still monitored
and address recognition may be resumed at any time by setting AA.
This means that the AA bit may be used to temporarily isolate SIO1
from the I2C bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com