Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL8025 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # QL8025
Description  LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL8025 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button QL8025 Datasheet HTML 31Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 32Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 33Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 34Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 35Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 36Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 37Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 38Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
‹ 4XLFN/RJLF &RUSRUDWLRQ
ZZZTXLFNORJLFFRP
‡
‡
‡
‡
‡
‡
(FOLSVH,,)DPLO\ 'DWD 6KHHW 5HY %
Preliminary

3RZHUYV2SHUDWLQJ)UHTXHQF\
The basic power equation which best models power consumption is given below:
P
TOTAL
= 0.350 + f[0.0031
η
LC +
0.0948
η
CKBF +
0.01
η
CLBF+
0.0263
η
CKLD+
0.543
η
RAM
+ 0.20
η
PLL+
0.0035
η
INP +
0.0257
η
OUTP]
(mW)
Where
•
η
LC is the total number of logic cells in the design
•
η
CKBF = # of clock buffers
•
η
CLBF = # of column clock buffers
•
η
CKLD = # of loads connected to the column clock buffers
•
η
RAM = # of RAM blocks
•
η
PLL = # of PLLs
•
η
INP is the number of input pins
•
η
OUTP is the number of output pins
NOTE:
7R OHDUQ PRUH DERXW SRZHU FRQVXPSWLRQ SOHDVH UHIHU WR $SSOLFDWLRQ 1RWH 
3RZHUXS6HTXHQFLQJ
)LJXUH  3RZHUXS 6HTXHQFLQJ
The following requirements must be met when powering up a device (refer to
)LJXUH ):
•
When ramping up the power supplies keep (VCCIO -VCC)MAX ≤ 500 mV. Deviation from this
recommendation can cause permanent damage to the device.
•
V
CCIO must lead VCC when ramping the device.
•
The power supply must be greater than or equal to 400 µs to reach V
CC. Ramping to
V
CC/VCCIO before reaching 400 µs can cause the device to behave improperly.
V
CCIO
V
CC
(V
CCIO -VCC)MAX
400 us
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com