Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL8025 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # QL8025
Description  LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL8025 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button QL8025 Datasheet HTML 15Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 16Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 17Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 18Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 19Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 20Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 21Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 22Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
‹ 4XLFN/RJLF &RUSRUDWLRQ
ZZZTXLFNORJLFFRP
‡
‡
‡
‡
‡
‡
(FOLSVH,,)DPLO\ 'DWD 6KHHW 5HY %
Preliminary

(OHFWULFDO6SHFLILFDWLRQV
'& &KDUDFWHULVWLFV
The DC Specifications are provided in
7DEOH  through 7DEOH .
7DEOH  $EVROXWH0D[LPXP 5DWLQJV
3DUDPHWHU
9DOXH
3DUDPHWHU
9DOXH
VCC Voltage
-0.5 V to 2.0 V
DC Input Current
±20 mA
VCCIO Voltage
-0.5 V to 4.0 V
ESD Pad Protection
±2000 V
INREF Voltage
0.5 V to VCCIO
Leaded Package
Storage Temperature
-65° C to + 150° C
Input Voltage
-0.5 V to VCCIO + 0.5 V
Laminate Package (BGA)
Storage Temperature
-55° C to + 125° C
Latch-up Immunity
±100 mA
7DEOH2SHUDWLQJ5DQJH
6\PERO
3DUDPHWHU
0LOLWDU\
,QGXVWULDO
&RPPHUFLDO
8QLW
0LQ
0D[
0LQ
0D[
0LQ
0D[
VCC
Supply Voltage
1.71
1.98
1.71
1.98
1.71
1.98
V
VCCIO
I/O Input Tolerance Voltage
1.71
3.60
1.71
3.60
1.71
3.60
V
TA
Ambient Temperature
-55
-
-40
85
0
70
°C
TC
Case Temperature
-
125
-
-
-
-
°C
K
Delay Factor
-7 Speed Grade
0.42
1.35
0.43
1.26
0.46
1.23
n/a
-8 Speed Grade
0.42
1.27
0.43
1.19
0.46
1.16
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com