Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL8025 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # QL8025
Description  LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL8025 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button QL8025 Datasheet HTML 12Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 13Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 14Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 15Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 16Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 17Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 18Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 19Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
ZZZTXLFNORJLFFRP
‹ 4XLFN/RJLF&RUSRUDWLRQ
‡
‡
‡
‡
‡
‡
(FOLSVH,, )DPLO\ 'DWD 6KHHW5HY %
Preliminary

Express lines run the length of the programmable logic uninterrupted. Each of these lines has a
higher capacitance than a quad, dual, or short wire, but less capacitance than shorter wires
connected to run the length of the device. The resistance will also be lower because the express
wires don't require the use of "pass" links. Express wires provide higher performance for long
routes or high fan-out nets.
Distributed networks are described in the clock/control section. These wires span the
programmable logic and are driven by "column clock" buffers. All clock network pin buffers (both
Dedicated and Global) are hard wired to individual sets of column clock buffers.
*OREDO3RZHU2Q5HVHW 325
The Eclipse-II family of devices features a global power-on reset. This reset is hardwired to all
registers and resets them to Logic ‘0’ upon power-up of the device. In QuickLogic devices, the
aynchronous Reset input to flip-flops has priority over the Set input; therefore, the Global POR
will reset all flip-flops during power-up. If you want to set the flip-flops to Logic ‘1’, you must assert
the “Set” signal after the Global POR signal has been deasserted.
)LJXUH  3RZHU2Q 5HVHW
/RZ3RZHU0RGH
Power consumption of the two smaller Eclipse-II devices can be reduced significantly by de-
activating the charge pumps inside the architecture. By applying 3.3 V to the Vpump pin, the
internal charge pump is de-activated—this effectively reduces the dynamic power consumption of
the device. Users who have a 3.3 V supply available in their system should take advantage of this
low power feature by tying the Vpump pin to 3.3 V. Otherwise, if a 3.3 V supply is not available,
this pin should be tied to ground.
VCC
Power-on
Reset
Q
XXXXXXX
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com