Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL8025 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # QL8025
Description  LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL8025 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button QL8025 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 9Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 10Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 11Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 12Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 13Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 14Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 15Page - List of Unclassifed Manufacturers QL8025 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
ZZZTXLFNORJLFFRP
‹ 4XLFN/RJLF&RUSRUDWLRQ
‡
‡
‡
‡
‡
‡
(FOLSVH,, )DPLO\ 'DWD 6KHHW5HY %
Preliminary

or registered. This is identical to that of the flow for the output cell. For combinatorial control
operation data is routed from the logic array through a multiplexer to the three-state control. The
IOCTRL pins can directly drive the OE and CLK signals for all I/O cells within the same bank.
For registered control operation, the array logic drives the D input of the OE cell register which
in turn drives the three-state control through a multiplexer. The multiplexer allows either a
combinatorial or a registered signal to be driven to the three-state control.
When I/O pins are unused, the OE controls can be permanently disabled, allowing the output cell
register to be used for registered feedback into the logic array.
I/O cell registers are controlled by clock, clock enable, and reset signals, which can come from
the regular routing resources, from one of the global networks, or from two IOCTRL input pins
per bank of I/O's. The CLK and RESET signals share common lines, while the clock enables for
each register can be independently controlled. I/O interface support is programmable on a per
bank basis. The two larger Eclipse-II devices contain eight I/O banks.The two smaller Eclipse-II
devices contain two I/O banks per device.
)LJXUH  illustrates the I/O bank configurations.
Each I/O bank is independent of other I/O banks and each I/O bank has its own VCCIO and
INREF supply inputs. A mixture of different I/O standards can be used on the device; however,
there is a limitation as to which I/O standards can be supported within a given bank. Only
standards that share a common VCCIO and INREF can be shared within the same bank (e.g. PCI
and LVTTL).
)LJXUH  0XOWLSOH,2%DQNV
3URJUDPPDEOH6OHZ5DWH
Each I/O has programmable slew rate capability—the slew rate can be either fast or slow. The
slower rate can be used to reduce the switching times of each I/O.
Embedded RAM Blocks
PLL
PLL
Fabric
Embeded Computational Units
Embedded RAM Blocks
PLL
PLL
VCCIO 0
INREF 0
VCCIO 1
INREF 1
VCCIO 2
INREF 2
VCCIO 3
INREF 3
INREF 4
VCCIO 4
INREF 5
VCCIO 5
INREF 6
VCCIO 6
INREF 7
VCCIO 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com