Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL8050 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # QL8050
Description  LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL8050 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button QL8050 Datasheet HTML 34Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 35Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 36Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 37Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 38Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 39Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 40Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 41Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
ZZZTXLFNORJLFFRP
‹ 4XLFN/RJLF&RUSRUDWLRQ
‡
‡
‡
‡
‡
‡
(FOLSVH,, )DPLO\ 'DWD 6KHHW5HY %
Preliminary

Vpump
Charge Pump Disable
This pin disables the internal charge pump for lower static power
operation. To disable the charge pump, connect Vpump to 3.3 V.
If the Disable Charge Pump feature is not used, connect Vpump to
Ground. For backwards compatibility with Eclipse and EclipsePlus
devices, connect Vpump to Ground.
Vded
Voltage tolerance for clocks,
JTAG, and IOCTRL/Voltage
Drive for PLLOUT and JTAG
pins
This pin specifies the input voltage tolerance for CLK, JTAG, and
IOCTRL dedicated input pins, as well as the output voltage drive
for PLLOUT and JTAG pins. If the PLLs are used, Vded must be
the same as VCCPLL. For backwards compatibility with Eclipse and
EclipsePlus devices, connect Vded to 2.5 V.
VccPLL
Power Supply pin for PLL
Connect to 2.5 V supply or 3.3 V supply. For backwards
compatibility with Eclipse and EclipsePlus devices, connect to
2.5 V.
7DEOH'HGLFDWHG3LQ'HVFULSWLRQV
3LQ
)XQFWLRQ
'HVFULSWLRQ
6KHHWRI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com