Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL8050 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # QL8050
Description  LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL8050 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button QL8050 Datasheet HTML 35Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 36Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 37Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 38Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 39Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 40Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 41Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 42Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
‹ 4XLFN/RJLF &RUSRUDWLRQ
ZZZTXLFNORJLFFRP
‡
‡
‡
‡
‡
‡
(FOLSVH,,)DPLO\ 'DWD 6KHHW 5HY %
Preliminary

5HFRPPHQGHG 8QXVHG 3LQ7HUPLQDWLRQVIRUWKH (FOLSVH,,
'HYLFHV
All unused, general purpose I/O pins can be tied to V
CC, GND, or HIZ (high impedance) internally
using the Configuration Editor. This option is given in the bottom-right corner of the placement
window. To use the Placement Editor, choose Constraint
> Fix Placement in the Option pull-
down menu of SpDE.
The rest of the pins should be terminated at the board level in the manner presented in
7DEOH .
 34)33LQRXW'LDJUDP
7DEOH5HFRPPHQGHG8QXVHG 3LQ7HUPLQDWLRQV
6LJQDO1DPH
5HFRPPHQGHG7HUPLQDWLRQ
PLLOUT<x>a
a. x represents a number.
Unused PLL output pins must be connected to either VCC or GND so that their associated
input buffer never floats. Utilized PLL output pins that route the PLL clock outside of the
chip should not be tied to either VCC or GND.
IOCTRL<y>b
b. y represents an aphabetical character.
There is an internal pulldown resistor to Ground on this pin. This pin should be tied to
Ground if it is not used. For backwards compatibility with Eclipse, it can be tied to Vcc or
Ground. If tied to Vcc, it will draw no more than 20 µA per IOCTRL pin due to the pulldown
resistor.
CLK/PLLIN<x>
Any unused clock pins should be connected to VCC or GND.
PLLRST<x>
If a PLL module is not used, then the associated PLLRST<x> must be connected to VCC,
under normal operation use it as needed.
INREF<y>
If an I/O bank does not require the use of INREF signal the pin should be connected to
GND.
Eclipse-II
QL8325-7PQ208C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com