Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL8050 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # QL8050
Description  LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL8050 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button QL8050 Datasheet HTML 11Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 12Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 13Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 14Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 15Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 16Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 17Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 18Page - List of Unclassifed Manufacturers QL8050 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
‹ 4XLFN/RJLF &RUSRUDWLRQ
ZZZTXLFNORJLFFRP
‡
‡
‡
‡
‡
‡
(FOLSVH,,)DPLO\ 'DWD 6KHHW 5HY %
Preliminary

'HGLFDWHG&ORFN
There is one dedicated clock in the two larger devices of the Eclipse-II Family (QL8325 and
QL8250). This clock connects to the clock input of the LogicCell and I/O registers, and RAM
blocks through a hardwired connection and is multiplexed with the programmable clock input.
The dedicated clock provides a fast global network with low skew. Users have the ability to select
either the dedicated clock or the programmable clock (
)LJXUH ).
)LJXUH  'HGLFDWHG &ORFN &LUFXLWU\ZLWKLQ/RJLF &HOO
NOTE:
)RU PRUH LQIRUPDWLRQ RQ WKH FORFNLQJ FDSDELOLWLHV RI (FOLSVH,, )3*$V SOHDVH VHH WKH
4XLFN/RJLF$SSOLFDWLRQ 1RWH 
,2&RQWURODQG/RFDO+L'ULYHV
Each bank of I/Os has two input-only pins that can be programmed to drive the RST, CLK, and
EN inputs of I/Os in that bank. These input-only pins also serve as high drive inputs to a quadrant.
These buffers can be driven by the internal logic both as an I/O control or high drive. The
performance of these drives is presented in
7DEOH .
3URJUDPPDEOH/RJLF5RXWLQJ
Eclipse-II devices are delivered with six types of routing resources as follows: short (sometimes
called segmented) wires, dual wires, quad wires, express wires, distributed networks, and default
wires. Short wires span the length of one logic cell, always in the vertical direction. Dual wires run
horizontally and span the length of two logic cells. Short and dual wires are predominantly used
for local connections. Default wires supply VCC and GND (Logic ‘1’ and Logic ‘0’) to each
column of logic cells.
Quad wires have passive link interconnect elements every fourth logic cell. As a result, these wires
are typically used to implement intermediate length or medium fan-out nets.
7DEOH ,2 &RQWURO 1HWZRUN/RFDO +LJK'ULYH
'HVWLQDWLRQ
77  &  9
)URP 3DG
)URP $UUD\
I/O (far)
1.00 ns
1.14 ns
I/O (near)
0.63 ns
0.78 ns
Skew
0.37 ns
0.36 ns
Programmable Clock or
General Routing
Dedicated Clock
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com