Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38C37ECAFP Datasheet(PDF) 39 Page - Mitsubishi Electric Semiconductor

Part # M38C37ECAFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C37ECAFP Datasheet(HTML) 39 Page - Mitsubishi Electric Semiconductor

Back Button M38C37ECAFP Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 39Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 43Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
39
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C3 Group
CM4 : Port Xc switch bit
0: I/O port function
1: XCIN-XCOUT oscillating function
CM5 : Main clock (XIN- XOUT) stop bit
0: Oscillating
1: Stopped
CM6: Main clock division ratio selection bit
0: f(XIN)/2(High-speed mode)
1: f(XIN)/8 (Middle-speed mode)
CM7: Internal system clock selection bit
0: XIN–XOUT selected (Middle-/High-speed mode)
1: XCIN–XCOUT selected (Low-speed mode)
Reset
CM6
CM6
CPU mode register
(CPUM : address 003B 16)
b7
b4
CM6
CM6
“0”
“1”
“0”
“1”
“0”
“1”
“0”
“1”
CM
4
“1”
“0”
CM
4
“0”
“1”
“0”
“1”
CM
5
“1”
“0”
“0”
“1”
“0”
“1”
“0”
“1”
“0”
“1”
CM
6
CM
6
CM
6
CM
6
CM7=0(8 MHz selected)
CM6=1(middle-speed)
CM5=0(8 MHz oscillating)
CM4=0(32 kHz stopped)
1: Switch the mode by the allows shown between the mode blocks. (Do not switch between the mode directly without an allow.)
2: The all modes can be switched to the stop mode or the wait mode and return to the source mode when the stop mode or the wait mode is ended.
3: Timer,LCD operate in the wait mode.
4: When the stop mode is ended, a delay of approximately 1 ms occurs by connecting Timer 1 and Timer 2 in middle-/high-speed mode.
5: When the stop mode is ended, a delay of approximately 0.25 s occurs in low-speed mode.
6: Wait until oscillation stabilizes after oscillating the main clock X IN before the switching from the low-speed mode to middle/high-speed mode.
7: The example assumes that 8 MHz is being applied to the X IN pin and 32 kHz to the X CIN pin.
φ indicates the internal system clock.
Middle-speed mode
(f(
φ)=1 MHz)
Middle-speed mode
((f(
φ)=1 MHz)
CM7=0(8 MHz selected)
CM6=0(high-speed)
CM5=0(8 MHz oscillating)
CM4=0(32 kHz stopped)
High-speed mode
(f(
φ) =4 MHz)
CM7=0(8 MHz selected)
CM6=0(high-speed)
CM5=0(8 MHz oscillating)
CM4=1(32 kHz oscillating)
High-speed mode
(f(
φ) =4 MHz)
CM7=1(32 kHz selected)
CM6=0(high-speed)
CM5=0(8 MHz oscillating)
CM4=1(32 kHz oscillating)
Low-speed mode
(f(
φ) =16 kHz)
CM7=1(32 kHz selected)
CM6=0(high-speed)
CM5=1(8 MHz stopped)
CM4=1(32 kHz oscillating)
CM7=0(8 MHz selected)
CM6=1(middle-speed)
CM5=0(8 MHz oscillating)
CM4=1(32 kHz oscillating)
CM7=1(32 kHz selected)
CM6=1(middle-speed)
CM5=0(8 MHz oscillating)
CM4=1(32 kHz oscillating)
Low-speed mode
((f(
φ)=16 kHz)
CM7=1(32 kHz selected)
CM6=1(middle-speed)
CM5=1(8 MHz stopped)
CM4=1(32 kHz oscillating)
Low-speed mode
(f(
φ) =16 kHz)
Low-speed mode
((f(
φ)=16 kHz)
Notes
Fig. 43 State transitions of system clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com