Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38C37ECAFP Datasheet(PDF) 14 Page - Mitsubishi Electric Semiconductor

Part # M38C37ECAFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C37ECAFP Datasheet(HTML) 14 Page - Mitsubishi Electric Semiconductor

Back Button M38C37ECAFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
14
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C3 Group
Fig. 12 Port block diagram (3)
(14)Port P70
Direction register
Data bus
Port latch
Port selection • pull-up control
Oscillator
Port P70
(15)Port P71
Direction register
Data bus
Port Xc switch bit
Port latch
Port selection • pull-up control
Sub-clock generating circuit input
(16)COM0–COM3
VL3
VL2
VL1
The gate input signal of each
transistor is controlled by the
LCD duty ratio and the bias
value.
(13)Port P6
Analog input pin selection bit
A-D conversion input
Data bus
Port latch
Direction register
Pull-up control
(17)Port P8
Key input (key-on wake-up) interrupt input
Data bus
Direction register
Port latch
Pull-up control
P-channel output disable bit
Port Xc switch bit
Port Xc switch bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com