Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38C37ECAFP Datasheet(PDF) 44 Page - Mitsubishi Electric Semiconductor

Part # M38C37ECAFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C37ECAFP Datasheet(HTML) 44 Page - Mitsubishi Electric Semiconductor

Back Button M38C37ECAFP Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 44Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 48Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
44
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C3 Group
Table 14 Recommended operating conditions (Vcc = 2.5 to 5.5 V, Ta = –20 to 85°C, unless otherwise noted)
Input frequency (duty cycle 50%)
Main clock input oscillation frequency (Note 4)
Sub-clock input oscillation frequency (Notes 4, 5)
f(CNTR0)
f(CNTR1)
f(XIN)
f(XCIN)
Limits
MHz
MHz
MHz
MHz
MHz
kHz
Parameter
Min.
Typ.
32.768
Max.
4.0
(2!VCC)–4
8.0
(4!VCC)–8
8.0
50
Symbol
Unit
(4.0 V
≤ VCC ≤ 5.5 V)
(VCC
≤ 4.0 V)
High-speed mode
(4.0 V
≤ VCC ≤ 5.5 V)
High-speed mode
(VCC
≤ 4.0 V)
Middle-speed mode
Notes 4: When the oscillation frequency has a duty cycle of 50%.
5: When using the microcomputer in low-speed mode, set the sub-clock input oscillation frequency on condition that f(XCIN) < f(XIN)/3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com