Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38C37ECAFP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M38C37ECAFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C37ECAFP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M38C37ECAFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38C37ECAFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
38C3 Group
PIN CONFIGURATION (TOP VIEW)
Package type : 80P6N-A
80-pin plastic-molded QFP
DESCRIPTION
The 38C3 group is the 8-bit microcomputer based on the 740 family
core technology.
The 38C3 group has a LCD drive control circuit, a 10-channel A-D
converter, and a Serial I/O as additional functions.
The various microcomputers in the 38C3 group include variations of
internal memory size and packaging. For details, refer to the section
on part numbering.
For details on availability of microcomputers in the 38C3 group, refer
to the section on group expansion.
FEATURES
qBasic machine-language instructions ....................................... 71
qThe minimum instruction execution time ............................. 0.5
µs
(at 8MHz oscillation frequency)
qMemory size
ROM .................................................................. 4 K to 48 K bytes
RAM ................................................................. 192 to 1024 bytes
qProgrammable input/output ports ............................................. 57
qSoftware pull-up/pull-down resistors
..................................................... (Ports P0–P8 except Port P51)
qInterrupts ................................................... 16 sources, 16 vectors
(includes key input interrupt)
qTimers ............................................................ 8-bit ! 6, 16-bit ! 1
qA-D converter ................................................. 10-bit ! 8 channels
qSerial I/O ....................................... 8-bit ! 1 (Clock-synchronized)
qLCD drive control circuit
Bias ............................................................................ 1/1, 1/2, 1/3
Duty .................................................................... 1/1, 1/2, 1/3, 1/4
Common output .......................................................................... 4
Segment output ........................................................................ 32
q2 Clock generating circuit
(connect to external ceramic resonator or quartz-crystal oscillator)
qPower source voltage
In high-speed mode .................................................... 4.0 to 5.5 V
In middle-speed mode ................................................ 2.5 to 5.5 V
In low-speed mode ...................................................... 2.5 to 5.5 V
qPower dissipation
In high-speed mode ........................................................... 32 mW
(at 8 MHz oscillation frequency)
In low-speed mode .............................................................. 45
µW
(at 32 kHz oscillation frequency, at 3 V power source voltage)
qOperating temperature range .................................... – 20 to 85°C
APPLICATIONS
Camera, household appliances, consumer electronics, etc.
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Fig. 1 M38C34M6AXXXFP pin configuration
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
P64/AN4
P65/AN5
P66/AN6
P67/AN7
AVSS
VREF
P62/AN2
P63/AN3
VL1
COM3
COM2
COM1
COM0
VL3
VL2
P40/SCLK2
P42/T3OUT
P43/
φ
P44/SIN
P45/SOUT
P46/SCLK1
P47/SRDY
P41/T1OUT
P80
P30/SEG24
P33/SEG27
P34/SEG28
P35/SEG29
P36/SEG30
P37/SEG31
P31/SEG25
P32/SEG26
M38C34M6AXXXFP


Similar Part No. - M38C37ECAFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38C37ECA RENESAS-M38C37ECA Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38C37ECAXXXFP RENESAS-M38C37ECAXXXFP Datasheet
1Mb / 224P
8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
M38C37ECAXXXFS RENESAS-M38C37ECAXXXFS Datasheet
1Mb / 224P
8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - M38C37ECAFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com