Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6413D Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV6413D
Description  Audio/Video Switch Matrix
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6413D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV6413D Datasheet HTML 6Page - STMicroelectronics STV6413D Datasheet HTML 7Page - STMicroelectronics STV6413D Datasheet HTML 8Page - STMicroelectronics STV6413D Datasheet HTML 9Page - STMicroelectronics STV6413D Datasheet HTML 10Page - STMicroelectronics STV6413D Datasheet HTML 11Page - STMicroelectronics STV6413D Datasheet HTML 12Page - STMicroelectronics STV6413D Datasheet HTML 13Page - STMicroelectronics STV6413D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Electrical Characteristics
STV6413
10/28
VINDC
Input DC Level
VCCA = 9 V
VCCA/2
V
VINAC
Input Signal Amplitude
2
VRMS
RIN
Input Resistance
30
50
k
W
RINmatch
Input Resistance Matching
±2
±10
%
FRANGE
Bandwidth
-3 dB, 0.5 VRMS, RLOAD = 10 kW,
Gain
= 0dB
50
kHz
Flatness
Spread of Gain in Audio Band
-0.5 VRMS, 20 Hz to 20 kHz,
Gain = 0 dB
0.5
dB
CS
Channel Separation, from audio inputs
Between L & R of TV outputs
VIN = 0.5 VRMS at 1 kHz on one
input, RLOAD = 10 kW, Gain = 0 dB
80
70
90
74
dB
dB
Ci
Channel Isolation from video inputs
VIN = 1 VPP at 15 kHz on one point
85
dB
VOUT
Output DC Level
VCCA = 9 V
VCCA/2
V
VOFF
DC Offset Change
Switching between inputs
1
±15
mV
ROUT
Output Resistance
60
120
W
PHD
Phase Difference
1 VRMS input on each input
channel at 1 kHz
3° deg.
ASN
S/N Ratio
VIN = 1 VRMS at 1 kHz input
weighted CCIR 468-4 quasi peak,
Gain = 0 dB
80
90
dB
eNI
Equivalent RMS Input Voltage Noise
BW = 20 Hz, 20 kHz Flat, Gain =
0dB
5µV
G0
0 dB Gain
0.5 VRMS, RLOAD = 10 kW,
Gain = 0 dB
-0.5
+0.5
dB
GSTEP
Gain Step
-62 dB to +6 dB (see Figure 2)
2
dB
GMATCH1
Gain matching between different
inputs of one output
VIN = 0.5 VRMS at 1 kHz,
Gain = 0 dB
-0.5
0.5
dB
GMATCH2
Gain matching between Left/Right
outputs of one input channel
VIN = 0.5 VRMS at 1 kHz,
Gain = 0 dB
-0.5
0.5
dB
THD0
THD6
THD9
Total Harmonic Distortion
ENC Input at 0 dB
ENC Input at 6 dB
ENC Input at 9 dB
VOUT = 0.5 VRMS at 1 kHz,
LPF at 80 kHz,
Volume Level Adjustment = 0 dB
0.01
0.01
0.01
0.05
0.05
0.05
%
VCL
Output Clipping Level
THD = 0.2%, 1 kHz
2.1
2.3
VRMS
RL
Output Load Resistance
VIN = 1 VRMS, THD = 0.3%,
Gain = 0 dB
22.25
k
W
Mute
Mute Suppression
VIN = 0.5 VRMS, on one point
90
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com