Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6413D Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV6413D
Description  Audio/Video Switch Matrix
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6413D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV6413D Datasheet HTML 13Page - STMicroelectronics STV6413D Datasheet HTML 14Page - STMicroelectronics STV6413D Datasheet HTML 15Page - STMicroelectronics STV6413D Datasheet HTML 16Page - STMicroelectronics STV6413D Datasheet HTML 17Page - STMicroelectronics STV6413D Datasheet HTML 18Page - STMicroelectronics STV6413D Datasheet HTML 19Page - STMicroelectronics STV6413D Datasheet HTML 20Page - STMicroelectronics STV6413D Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17/28
STV6413
I²C Bus Selection
Table 4: Audio Selection & VCR Audio Output
Reg.
Add.
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
01h
TV & CINCH Audio
Output Selection
3
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Muted
Encoder L/R selected
VCR L/R selected
Not allowed
TV L/R selected
Not allowed
Not allowed
Not allowed
CINCH Audio Gain
1
X
X
X
X
X
X
X
X
0
1
X
X
X
X
X
X
0dB
Follow TV Gain
VCR Audio Output Selection
2
X
X
X
X
X
X
X
X
0
0
1
1
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Muted
Encoder L/R selected
TV L/R selected
Not allowed
VCR Stereo or Mono Mode
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0 = Stereo
1 = Mono
Table 5: TV & VCR Video Selection
Reg.
Add.
Description
Bits
Data
Comments
d7
d6
d5
d4
d3
d2
d1
d0
02h
TV Video Output Selection
3
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Y/CVBS muted & Chroma
muted
Y/CVBS_ENC & R/C_ENC
Y_ENC & C_ENC
Y/CVBS_VCR & R/C_VCR
Not allowed
Not allowed
Not allowed
Not allowed
TV Chroma Output Control
1
X
X
X
X
X
X
X
X
0
1
X
X
X
X
X
X
Chroma defined by d2d1d0
Chroma force to mute
VCR Video Output Selection
3
X
X
X
X
X
X
X
X
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Y/CVBS muted & Chroma
muted
Y/CVBS_ENC & R/C_ENC
Y_ENC & C_ENC
CVBS_TV & Chroma muted
Not allowed
Not allowed
Not allowed
Not allowed
VCR Chroma Output Control
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Chroma defined by d6d5d4
Chroma force to mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com