Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6413D Datasheet(PDF) 23 Page - STMicroelectronics

Part # STV6413D
Description  Audio/Video Switch Matrix
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6413D Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STV6413D Datasheet HTML 19Page - STMicroelectronics STV6413D Datasheet HTML 20Page - STMicroelectronics STV6413D Datasheet HTML 21Page - STMicroelectronics STV6413D Datasheet HTML 22Page - STMicroelectronics STV6413D Datasheet HTML 23Page - STMicroelectronics STV6413D Datasheet HTML 24Page - STMicroelectronics STV6413D Datasheet HTML 25Page - STMicroelectronics STV6413D Datasheet HTML 26Page - STMicroelectronics STV6413D Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23/28
STV6413
Input/Output Groups
Figure 12: Video Outputs
(Pins 38, 40, 42, 44, 46 and 48)
Figure 13: Audio Inputs
(Pins 11, 13, 19, 20, 22 and 23)
Figure 14: Slow Blanking I/O (Pins 59 and 61)
Protected Pad
VCCB1,2 ...7 5 V
VCC 5V
IB
Protected Pad
VCCA 9V
VCC/2
50 k
W
IB
Protected Pad
VCC12 12 V
VCC 12 V
25 k
W
110 k
W
55 k
W
Figure 15: Audio Outputs
(Pins 27, 28, 29, 30, 32 and 33)
Figure 16: Interrupt Output
(Pin 58)
Figure 17: I²C Bus (SDA) (Pin 56)
Protected Pad
60
W
VCCAO 12 V
Protected Pad
Float
VDD 5V
40
W
Protected Pad
10
k
W
Acknowledge
Float
VDD 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com