Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6413D Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV6413D
Description  Audio/Video Switch Matrix
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6413D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV6413D Datasheet HTML 7Page - STMicroelectronics STV6413D Datasheet HTML 8Page - STMicroelectronics STV6413D Datasheet HTML 9Page - STMicroelectronics STV6413D Datasheet HTML 10Page - STMicroelectronics STV6413D Datasheet HTML 11Page - STMicroelectronics STV6413D Datasheet HTML 12Page - STMicroelectronics STV6413D Datasheet HTML 13Page - STMicroelectronics STV6413D Datasheet HTML 14Page - STMicroelectronics STV6413D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11/28
STV6413
Electrical Characteristics
Video Section
Note: 1 S/N = 20 log (VOUT Black to White = 0.7 VPP / VNoise (mVRMS) weighted CCIR 567).
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDCIN
DC Input Level
Bottom Sync Pulse
2
V
ICLAMP
Clamping Current
at VDCIN - 400 mV
12
mA
ILEAK
Input Leakage Current
VIN = VDCIN +1 V
110
µA
CIN
Input Capacitance
2
pF
VIN
Max Input Signal
VCC = 5 V
1.5
VPP
DYN
Dynamic Output Signal
VCC = 5 V
3
VPP
BW
Bandwidth at -3 dB
- Y/CVBS
- RGB
VIN = 1 VPP
VIN = 1 VPPVINC = muted
12
12
15
15
MHz
Flatness
Spread of Gain in Video Band
(15 kHz - 5 MHz)
- Y/CVBS
- RGB
VIN = 1 VPP
VIN = 1 VPP, VINC = Muted
±0.5
±0.5
dB
CTi
Crosstalk Isolation between Input
Channel
VIN = 1 VPP at 4.43 MHz on one
point
60
dB
CTo
Crosstalk Isolation between Output
Channel
VIN = 1 VPP at f = 4.43 MHz,
on one point, RLOAD = 150W
50
dB
ROUT
Output Resistance
5
10
W
GRGB
Gain at RGB outputs
VIN = 1 Vpp, Gain = 6 dB
5.5
6
6.5
dB
GRGBM
Gain matching between R, G, B
VIN = 1 Vpp, Gain = 6 dB
-0.3
0
0.3
dB
GRGBSTEP Step of Gain
3 dB to 6 dB
0.75
1
1.25
dB
GYCVBS
Gain on Y,/CVBS channels
VIN = 1 VPP
5.5
6
6.5
dB
GYCVBSM
Gain matching between Y, CVBS
inputs
VIN = 1 VPP
-0.5
0
0.5
dB
DCOUT
DC Output Voltage
Bottom sync pulse
0.6
V
DPHI
Differential Phase
VIN = 1 VPP at 4.43 MHz
15
° deg.
DG
Differential Gain
VIN = 1 VPP at 4.43 MHz
15
%
Mute
Mute Suppression
VIN = 1 VPP at 5 MHz on one point
55
dB
LNL
Luminance non-linearity
0.3
3
%
VSN
Video S/N Ratio
Refer to Note 1
65
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com