Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXREFDES112B Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAXREFDES112B
Description  ISOLATED 24V TO 12V 10W FLYBACK POWER SUPPLY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXREFDES112B Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAXREFDES112B Datasheet HTML 3Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 4Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 5Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 6Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 7Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 8Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 9Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 10Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
8. Turn on the power supply.
9. Set the electronic load to a constant current between 0mA to 800mA.
10. Verify the second voltmeter reading is 12V ±0.6V.
Lab Measurements
The MAXREFDES112# design was verified and tested under full input range and different
output load conditions.
The power efficiency vs. load current is illustrated in Figure 2.
Data were gathered from MAXREFDES112D#. All versions perform similarly.
Figure 2. Power efficiency vs. load current.
Figure 3 display the output ripple at full load (ripple + spike is 110mV ) when the input is
24V.
P-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com