Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXREFDES112B Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAXREFDES112B
Description  ISOLATED 24V TO 12V 10W FLYBACK POWER SUPPLY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXREFDES112B Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAXREFDES112B Datasheet HTML 7Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 8Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 9Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 10Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 11Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 12Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 13Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 14Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
System Board 6261
MAXREFDES112#: ISOLATED 24V TO 12V 10W
FLYBACK POWER SUPPLY
Design Resources
Quick Start
Required equipment:
• MAXREFDES112# board
• One 24V DC power supply
• One electronic load
•1 voltmeters
• 1 ammeters
Procedure
The MAXREFDES112# board is fully assembled and tested. Use the following steps to
verify board operation.
1. Turn off the power supply.
2. Connect the positive terminal of the power supply to the VIN pin of the
MAXREFDES112# board.
3. Connect the negative terminal of the power supply to the GND pin of the
MAXREFDES112# board.
4. Connect the VOUT connector of the MAXREFDES112# board to the positive
terminal of the electronic load.
5. Connect the negative terminal of the electronic load to the positive terminal of the
ammeter.
6. Connect the negative terminal of the ammeter to the GNDO connector of the
MAXREFDES112# board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com