Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXREFDES112B Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAXREFDES112B
Description  ISOLATED 24V TO 12V 10W FLYBACK POWER SUPPLY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXREFDES112B Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAXREFDES112B Datasheet HTML 1Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 2Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 3Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 4Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 5Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 6Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 7Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 8Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Figure 1. MAXREFDES112# block diagram.
Detailed Circuit Description
The MAXREFDES112# reference design contains all the control circuitry and electric
components required for designing a 17V to 36V wide-input, 12V 10W output isolated
flyback converter power supply.
When the MOSFET is turned on, the current flows through the primary winding of the
transformer and stores the energy. The CS-pin input and the current sense resistor set the
peak current limit and provide overcurrent protection. When the MOSFET is tuned off, the
energy stored in the primary side is transferred to the secondary side.
The secondary side of the circuit consists of a diode, and a few output capacitors. When
the MOSFET on the primary side is off, the transformer pushes the current to the load at
the output and the remaining energy is stored in the output capacitors. When the MOSFET
is on, the diode prevents the current flow back into the transformer and discharges the
output capacitors.
The feedback network is typical of most isolated flyback converters. It is constructed using
a TL431 programmable shunt regulator, a 3000V isolation opto-coupler, and other RC
components.
Startup Voltage and Input Overvoltage Protection Setting (EN/UVLO, OVI)
The EN/UVLO pin in the MAX17596 serves as an enable/disable input, as well as an
accurate programmable undervoltage lockout (UVLO) pin. The MAX17596 does not begin
startup operations unless the EN/UVLO pin voltage exceeds 1.21V (typ). The MAX17596
turns off if the EN/UVLO pin voltage falls below 1.15V (typ). A resistor divider from the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com