Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXREFDES112B Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAXREFDES112B
Description  ISOLATED 24V TO 12V 10W FLYBACK POWER SUPPLY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXREFDES112B Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAXREFDES112B Datasheet HTML 1Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 2Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 3Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 4Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 5Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 6Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 7Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 8Page - Maxim Integrated Products MAXREFDES112B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
System Board 6261
MAXREFDES112#: ISOLATED 24V TO 12V 10W
FLYBACK POWER SUPPLY
Details
Introduction
Isolated power supplies provide reliable power regulation for a variety of applications.
Transformer selection is often the most difficult step in isolated power design. The
MAXREFDES112# is a compact 24V input flyback converter module that features 12V at
800mA output. Multiple transformers (Halo Electronics TGSP-P145EP10LF, Wurth
Electronics 750315882, HanRun HR051075, and Sumida 12387T070) have been qualified
for this design, simplifying the process of transformer selection. In addition, through-hole
pins on the bottom side of the module allows quick and easy integration of this power
converter into the main system. Pins are 0.6in from power to ground, and 2in from the
input side to the output side.
MAXREFDES112# System Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com