Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC58FVT321 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC58FVT321
Description  32-MBIT (4M 횞 8 BITS / 2M 횞 16 BITS) CMOS FLASH MEMORY
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVT321 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC58FVT321 Datasheet HTML 1Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 2Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 3Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 4Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 5Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 6Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 7Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 8Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
TC58FVT321/B321FT/XB-70,-10
2002-08-06
1/48
• Block erase architecture
8 × 8 Kbytes / 63 × 64 Kbytes
• Boot block architecture
TC58FVT321FT/XB: top boot block
TC58FVB321FT/XB: bottom boot block
• Mode control
Compatible with JEDEC standard commands
• Erase/Program cycles
105 cycles typ.
• Access time
70 ns
(CL: 30 pF)
100 ns
(CL: 100 pF)
• Power consumption
10 µA
(Standby)
30 mA
(Read operation)
15 mA
(Program/Erase operations)
• Package
TC58FVT321/B321FT:
TSOPI48-P-1220-0.50 (weight: 0.51 g)
TC58FVT321/B321XB:
P-TFBGA56-0710-0.80AZ (weight: 0.125 g)
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
32-MBIT (4M
× 8 BITS / 2M × 16 BITS) CMOS FLASH MEMORY
DESCRIPTION
The TC58FVT321/B321 is a 33,554,432-bit, 3.0-V read-only electrically erasable and programmable flash memory
organized as 4,194,304 words × 8 bits or as 2,097,152 words × 16 bits. The TC58FVT321/B321 features commands
for Read, Program and Erase operations to allow easy interfacing with microprocessors. The commands are based on
the JEDEC standard. The Program and Erase operations are automatically executed in the chip. The
TC58FVT321/B321 also features a Simultaneous Read/Write operation so that data can be read during a Write or
Erase operation.
FEATURES
• Power supply voltage
VDD = 2.7 V~3.6 V
• Operating temperature
Ta = −40°C~85°C
• Organization
4M × 8 bits / 2M × 16 bits
• Functions
Simultaneous Read/Write
Auto Program, Auto Erase
Fast Program Mode / Acceleration Mode
Program Suspend/Resume
Erase Suspend/Resume
data polling / Toggle bit
block protection, boot block protection
Automatic Sleep, support for hidden ROM area
common flash memory interface (CFI)
Byte/Word Modes
• TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general
can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer,
when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid
situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to
property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most
recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling Guide
for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc..
• The Toshiba products listed in this document are intended for usage in general electronics applications (computer, personal
equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These Toshiba products are
neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or
failure of which may cause loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control
instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control
instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of Toshiba products listed in this document
shall be made at the customer’s own risk.
• The products described in this document are subject to the foreign exchange and foreign trade laws.
• The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by
TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its
use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or
others.
• The information contained herein is subject to change without notice.
000630EBA1


Similar Part No. - TC58FVT321

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVT321-10 TOSHIBA-TC58FVT321-10 Datasheet
560Kb / 48P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 32-MBIT (4M X 8 BITS / 2M X 16 BITS) CMOS FLASH MEMORY
TC58FVT321-70 TOSHIBA-TC58FVT321-70 Datasheet
560Kb / 48P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 32-MBIT (4M X 8 BITS / 2M X 16 BITS) CMOS FLASH MEMORY
TC58FVT321FT-10 TOSHIBA-TC58FVT321FT-10 Datasheet
560Kb / 48P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 32-MBIT (4M X 8 BITS / 2M X 16 BITS) CMOS FLASH MEMORY
TC58FVT321FT-70 TOSHIBA-TC58FVT321FT-70 Datasheet
560Kb / 48P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 32-MBIT (4M X 8 BITS / 2M X 16 BITS) CMOS FLASH MEMORY
TC58FVT321XB TOSHIBA-TC58FVT321XB Datasheet
560Kb / 48P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 32-MBIT (4M X 8 BITS / 2M X 16 BITS) CMOS FLASH MEMORY
More results

Similar Description - TC58FVT321

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVT641 TOSHIBA-TC58FVT641 Datasheet
593Kb / 53P
64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
logo
Sharp Corporation
LHF32J02 SHARP-LHF32J02 Datasheet
3Mb / 51P
Flash Memory 32M (2M 횞 16/4M 횞 8)
LHF32J06 SHARP-LHF32J06 Datasheet
2Mb / 50P
Flash Memory 32M (2M 횞 16/4M 횞 8)
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
TC58FVT321FT-10 TOSHIBA-TC58FVT321FT-10 Datasheet
560Kb / 48P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 32-MBIT (4M X 8 BITS / 2M X 16 BITS) CMOS FLASH MEMORY
logo
Winbond
W9825G6DH WINBOND-W9825G6DH Datasheet
1Mb / 44P
4M 횞 4 BANKS 횞 16 BITS SDRAM
W19B320ATB WINBOND-W19B320ATB Datasheet
491Kb / 53P
4M 횞 8/2M 횞 16 BITS 3V FLEXIBLE BANK FLASH MEMORY
W9812G6IH WINBOND-W9812G6IH_10 Datasheet
665Kb / 42P
2M 횞 4 BANKS 횞 16 BITS SDRAM
W9812G6JH WINBOND-W9812G6JH Datasheet
662Kb / 42P
2M 횞 4 BANKS 횞 16 BITS SDRAM
logo
Toshiba Semiconductor
TC58FVM7T2AFT65 TOSHIBA-TC58FVM7T2AFT65 Datasheet
622Kb / 69P
128-MBIT (16M × 8 BITS/8M × 16 BITS) CMOS FLASH MEMORY
2004-09-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com