Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC58FVT321 Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TC58FVT321
Description  32-MBIT (4M × 8 BITS / 2M × 16 BITS) CMOS FLASH MEMORY
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVT321 Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TC58FVT321 Datasheet HTML 9Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 10Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 11Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 12Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 13Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 14Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 15Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 16Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
TC58FVT321/B321FT/XB-70,-10
2002-08-06
13/48
Hidden ROM Area
The TC58FVT321/B321 features a 64-Kbyte hidden ROM area which is separate from the memory cells. The
area consists of one block. Data Read, Write and Protect can be performed on this block. Because Protect cannot
be released, once the block is protected, data in the block cannot be overwritten.
The hidden ROM area is located in the address space indicated in the HIDDEN ROM AREA ADDRESS
TABLE. To access the Hidden ROM area, input a Hidden ROM Mode Entry command. The device now enters
Hidden ROM Mode, allowing Read, Write, Erase and Block Protect to be executed. Write and Erase operations
are the same as auto operations except that the device is in Hidden ROM Mode. However, regarding write
operation, Accelaration mode can not be performed during Hidden ROM Mode. To protect the hidden ROM area,
use the block protection function. The operation of Block Protect here is the same as a normal Block Protect
except that VIH rather than VID is input to RESET . Once the block has been protected, protection cannot be
released, even using the temporary block unprotection function. Use Block Protect carefully. Note that in Hidden
ROM Mode, simultaneous operation cannot be performed. Therefore, do not attempt to access areas other than
the hidden ROM area.
To exit Hidden ROM Mode, use the Hidden ROM Mode Exit command. This will return the device to Read
Mode.
HIDDEN ROM AREA ADDRESS TABLE
BYTE MODE
WORD MODE
TYPE
BOOT BLOCK
ARCHITECTURE
ADDRESS RANGE
SIZE
ADDRESS RANGE
SIZE
TC58FVT321
TOP BOOT BLOCK
3F0000H~3FFFFFH
64 Kbytes
1F8000H~1FFFFFH
32 Kwords
TC58FVB321
BOTTOM BOOT BLOCK
000000H~00FFFFH
64 Kbytes
000000H~007FFFH
32 Kwords



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com