Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC58FVT321 Datasheet(PDF) 19 Page - Toshiba Semiconductor

Part # TC58FVT321
Description  32-MBIT (4M × 8 BITS / 2M × 16 BITS) CMOS FLASH MEMORY
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVT321 Datasheet(HTML) 19 Page - Toshiba Semiconductor

Back Button TC58FVT321 Datasheet HTML 15Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 16Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 17Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 18Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 19Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 20Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 21Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 22Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 23Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
TC58FVT321/B321FT/XB-70,-10
2002-08-06
19/48
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RANGE
UNIT
VDD
VDD Supply Voltage
−0.6~4.6
V
VIN
Input Voltage
−0.6~VDD + 0.5 (≤ 4.6)
V
VDQ
Input/Output Voltage
−0.6~VDD + 0.5 (≤ 4.6)
V
VIDH
Maximum Input Voltage for A9, OE and RESET
13.0
V
VACCH
Maximum Input Voltage for
/ACC
WP
10.5
V
PD
Power Dissipation
126
mW
TSOLDER
Soldering Temperature (10 s)
260
°C
TSTG
Storage Temperature
−55~150
°C
TOPR
Operating Temperature
−40~85
°C
IOSHORT
Output Short-Circuit Current
(1)
100
mA
(1) Outputs should be shorted for no more than one second.
No more than one output should be shorted at a time.
CAPACITANCE (Ta
==== 25°C, f ==== 1 MHz)
TSOPI
SYMBOL
PARAMETER
CONDITION
MAX
UNIT
CIN
Input Pin Capacitance
VIN = 0 V
4
pF
COUT
Output Pin Capacitance
VOUT = 0 V
8
pF
CIN2
Control Pin Capacitance
VIN = 0 V
7
pF
This parameter is periodically sampled and is not tested for every device.
TFBGA
SYMBOL
PARAMETER
CONDITION
MAX
UNIT
CIN
Input Pin Capacitance
VIN = 0 V
4
pF
COUT
Output Pin Capacitance
VOUT = 0 V
8
pF
CIN2
Control Pin Capacitance
VIN = 0 V
7
pF
This parameter is periodically sampled and is not tested for every device.
RECOMMENDED DC OPERATING CONDITIONS
SYMBOL
PARAMETER
MIN
MAX
UNIT
VDD
VDD Supply Voltage
2.7
3.6
VIH
Input High-Level Voltage
0.7
× VDD
VDD + 0.3
(2)
VIL
Input Low-Level Voltage
−0.3
(1)
0.2
× VDD
VID
High-Level Voltage for A9, OE and RESET
(3)
11.4
12.6
VACC
High-Level Voltage for
/ACC
WP
(3)
8.5
9.5
V
Ta
Operating Temperature
−40
85
°C
(1)
−2 V (pulse width of 20 ns max)
(2)
+2 V (pulse width of 20 ns max)
(3) Do not apply VID/VACC when the supply voltage is not within the device’s recommended operating voltage range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com