Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC58FVT321 Datasheet(PDF) 22 Page - Toshiba Semiconductor

Part # TC58FVT321
Description  32-MBIT (4M × 8 BITS / 2M × 16 BITS) CMOS FLASH MEMORY
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVT321 Datasheet(HTML) 22 Page - Toshiba Semiconductor

Back Button TC58FVT321 Datasheet HTML 18Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 19Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 20Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 21Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 22Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 23Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 24Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 25Page - Toshiba Semiconductor TC58FVT321 Datasheet HTML 26Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
TC58FVT321/B321FT/XB-70,-10
2002-08-06
22/48
COMMAND WRITE/PROGRAM/ERASE CYCLE
−70
−10
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tCMD
Command Write Cycle Time
70
100
ns
tAS
Address Set-up Time / BYTE Set-up Time
0
0
ns
tAH
Address Hold Time / BYTE Hold Time
40
50
ns
tAHW
Address Hold Time from WE High level
20
20
ns
tDS
Data Set-up Time
40
50
ns
tDH
Data Hold Time
0
0
ns
tWELH
WE Low-Level Hold Time
( WE Control)
40
50
ns
tWEHH
WE High-Level Hold Time
( WE Control)
20
20
ns
tCES
CE
Set-up Time to WE Active
( WE Control)
0
0
ns
tCEH
CE
Hold Time from WE High Level
( WE Control)
0
0
ns
tCELH
CE
Low-Level Hold Time
( CE Control)
40
50
ns
tCEHH
CE
High-Level Hold Time
( CE Control)
20
20
ns
tWES
WE Set-up time to CE Active
( CE Control)
0
0
ns
tWEH
WE Hold Time from CE High Level
( CE Control)
0
0
ns
tOES
OE
Set-up Time
0
0
ns
tOEHP
OE
Hold Time (Toggle, Data Polling)
90
90
ns
tOEHT
OE
High-Level Hold Time (Toggle)
20
20
ns
tAHT
Address Hold Time (Toggle)
0
0
ns
tAST
Address Set-up Time (Toggle)
0
0
ns
tBEH
Erase Hold Time
50
50
µs
tVDS
VDD Set-up Time
500
500
µs
Program/Erase Valid to
BY
/
RY
Delay
90
90
ns
tBUSY
Program/Erase Valid to
BY
/
RY
Delay during Suspend Mode
300
300
ns
tRP
RESET
Low-Level Hold Time
500
500
ns
tREADY
RESET
Low-Level to Read Mode
20
20
µs
tRB
BY
/
RY
Recovery Time
0
0
ns
tRH
RESET
Recovery Time
50
50
ns
tCEBTS
CE
Set-up time BYTE Transition
5
5
ns
tBTD
BYTE to Output High-Z
30
30
ns
tSUSP
Program Suspend Command to Suspend Mode
1.5
1.5
µs
tRESP
Program Resume Command to Program Mode
1
1
µs
tSUSE
Erase Suspend Command to Suspend Mode
15
15
µs
tRESE
Erase Resume Command to Erase Mode
1
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com