Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C01 Datasheet(PDF) 5 Page - XP Power Limited

Part # C01
Description  MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

C01 Datasheet(HTML) 5 Page - XP Power Limited

  C01 Datasheet HTML 1Page - XP Power Limited C01 Datasheet HTML 2Page - XP Power Limited C01 Datasheet HTML 3Page - XP Power Limited C01 Datasheet HTML 4Page - XP Power Limited C01 Datasheet HTML 5Page - XP Power Limited C01 Datasheet HTML 6Page - XP Power Limited C01 Datasheet HTML 7Page - XP Power Limited C01 Datasheet HTML 8Page - XP Power Limited C01 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
4711CR
WWW.XPPOWER.COM
PAGE 5
MECHANICAL SPECIFICATIONS C25 to C40 (2.5kV to 4kV)
1.11
(28.19)
PC PINS
0.031 (.79) DIA
5 PLACES
0.20 (5.08)
0.50
(12.70)
GAIN
ADJUST
4
3
1
5
2
BOTTOM
VIEW
TOP VIEW
0
0.100 (2.54)
0.500 (12.70)
0.10 (2.54)
0.250 (6.35)
0.65 (16.51)
RECOMMENDED
HOLE & PAD SIZE:
0.052 &
øø0.082
5 PLACES
1.75 (44.45)
0
0.100 (2.54)
0.500 (12.70)
0.250 (6.35)
0.65 (16.51)
4
3
2
1
5
0.10 (2.54)
0.187 (4.75) MIN
FOR POT ACCESS
TOP VIEW
RECOMMENDED
PCB LAYOUT
ø
PIN #
FUNCTION
1
(+) INPUT
2
GROUND
3
PROGRAMMING VOLTAGE
4
HV OUT
5
CASE GROUND*4
PARAMETER
VALUE
WEIGHT
1.3 OUNCES (36.8 GRAMS)
VOLUME
0.96 CUBIC INCHES (15.77 CUBIC CENTIMETERS)
DIMENSIONS
1.75L (44.45L) x 1.11W (28.19W) x 0.50H (12.70H)
CASE MATERIAL
ZINC PLATED STEEL
Dimensions are in inches (metric equivalents are in parentheses)
Dimensional tolerances: .xx +/- 0.02 (0.51mm)
.xxx +/- 0.005 (0.127mm)
C SERIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com